Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM78L10A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NJM78L10A
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJM78L10A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  NJM78L10A Datasheet HTML 1Page - List of Unclassifed Manufacturers NJM78L10A Datasheet HTML 2Page - List of Unclassifed Manufacturers NJM78L10A Datasheet HTML 3Page - List of Unclassifed Manufacturers NJM78L10A Datasheet HTML 4Page - List of Unclassifed Manufacturers NJM78L10A Datasheet HTML 5Page - List of Unclassifed Manufacturers NJM78L10A Datasheet HTML 6Page - List of Unclassifed Manufacturers NJM78L10A Datasheet HTML 7Page - List of Unclassifed Manufacturers NJM78L10A Datasheet HTML 8Page - List of Unclassifed Manufacturers NJM78L10A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NJM78L00
- 8 -
Ver.2013-11-29
■ TYPICAL CHARACTERISTICS
NJM78L05 / L12 / L24
Output Characteristics
NJM78L05 Dropout Characteristics
NJM78L00 Series Short Circuit
Output Current
NJM78L02 / L24 Quiescent Current
vs. Output Current
NJM78L00 Equivalent Series Resistance
vs. Output Current
NJM78L05 Quiescent Current
vs. Input Voltage
Vin=Output voltages of the conditions described in the
ELECTRICAL CHARACTERISTICS
Ta=25°C, Cin=0.33uF, Co=0.1uF
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
Output Current Io [mA]
STABLE REGION


Similar Part No. - NJM78L10A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM78L10A NJRC-NJM78L10A Datasheet
195Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L10A NJRC-NJM78L10A Datasheet
195Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L10A NJRC-NJM78L10A Datasheet
195Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM78L10A ETC2-NJM78L10A Datasheet
216Kb / 9P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - NJM78L10A

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com