Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F5CP-902M50-D205-W Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # FAR-F5CP-902M50-D205-W
Description  Piezoelectric SAW BPF (700 to 1700MHz)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CP-902M50-D205-W Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button FAR-F5CP-902M50-D205-W Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 10Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 11Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
F5CP/F6CP Series
8
5.
SYSTEM : GSM-Tx
PART NUMBER : FAR-F5CP-902M50-D205
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
890 to 915 MHz
3.0
3.5
dB
In-band ripple
890 to 915 MHz
1.1
1.6
dB
Absolute
attenuation
DC to 845 MHz
45
50
dB
845 to 870 MHz
30
46
dB
925 to 935 MHz
7
16
dB
935 to 980 MHz
28
33
dB
980 to 1200 MHz
50
60
dB
1200 to 3000 MHz
30
40
dB
In-Band VSWR
(Return loss)
890 to 915 MHz
(9.0)
1.7
(11.7)
2.1
(
)
(dB)
2
S11
1U FS
1 : 41.604
Ω−1.2832 Ω
S21
log MAG
10 dB/
REF 0 dB
CENTER 900 MHz
SPAN 300 MHz
CENTER 900 MHz
SPAN 300 MHz
1 :
−2.7524 dB
890 MHz
S22
1U FS
1 : 40.996
Ω−1.9941 Ω
89.676 pF
890 MHz
2 : 77.371
−7.6758 Ω
915 MHz
3 : 3.0254
−25.578 Ω
870 MHz
4 : 502.38
264.7
925 MHz
5 : 17.695
−150.65 Ω
935 MHz
S11
SWR
1 /
REF 1
CENTER 900 MHz
SPAN 300 MHz
CENTER 900 MHz
SPAN 300 MHz
1 : 1.2064
890 MHz
3
5
5
3
5
2
3
1
2
3
4
5
139.36 pF
890 MHz
2 : 77.059
−9.8828 Ω
915 MHz
3 : 2.9404
−26.104 Ω
870 MHz
4 : 446.91
298.7
925 MHz
5 : 18.18
−155.7 Ω
935 MHz
2 :
−2.6529 dB
915 MHz
3 :
−55.923 dB
870 MHz
4 :
−14.643 dB
925 MHz
5 :
−32.307 dB
935 MHz
2 : 1.584
915 MHz
3 : 21.644
870 MHz
4 : 13.206
925 MHz
5 : 29.787
935 MHz
4
1
1
4
1
4
2


Similar Part No. - FAR-F5CP-902M50-D205-W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CP-902M50-D205-W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com