Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM34917A Datasheet(PDF) 10 Page - Texas Instruments

Part # LM34917A
Description  Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM34917A Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM34917A_14 Datasheet HTML 6Page - Texas Instruments LM34917A_14 Datasheet HTML 7Page - Texas Instruments LM34917A_14 Datasheet HTML 8Page - Texas Instruments LM34917A_14 Datasheet HTML 9Page - Texas Instruments LM34917A_14 Datasheet HTML 10Page - Texas Instruments LM34917A_14 Datasheet HTML 11Page - Texas Instruments LM34917A_14 Datasheet HTML 12Page - Texas Instruments LM34917A_14 Datasheet HTML 13Page - Texas Instruments LM34917A_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
'I
IOUT2
IOUT3
Normal
Operation
Load Current
Decreases
Current
Limited
Load
Current
Increases
Normal
Operation
Current Limit
Threshold
IOUT1
TON
2.5V
TON
2
LM34917A
SNOSAX7C – DECEMBER 2007 – REVISED MAY 2008
www.ti.com
Figure 5. Inductor Current - Normal and Current Limit Operation
N - Channel Buck Switch and Driver
The LM34917A integrates an N-Channel buck switch and associated floating high voltage gate driver. The gate
driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. A 0.022
µF capacitor (C4) connected between BST and SW provides the voltage to the driver during the on-time. During
each off-time, the SW pin is at approximately -1V, and C4 is recharged for the next on-time from VCC through the
internal diode. The minimum off-time ensures a minimum time each cycle to recharge the bootstrap capacitor.
Softstart
The softstart feature allows the converter to gradually reach a steady state operating point, thereby reducing
start-up stresses and current surges. Upon turn-on, after VCC reaches the under-voltage threshold, an internal
11.6 µA current source charges up the external capacitor at the SS pin to 2.5V (t2 in Figure 3). The ramping
voltage at SS (and the non-inverting input of the regulation comparator) ramps up the output voltage in a
controlled manner.
An internal switch grounds the SS pin if VCC is below the under-voltage lockout threshold, if the RON/SD pin is
grounded, or if VIN exceeds the overvoltage threshold.
Thermal Shutdown
The LM34917A should be operated so the junction temperature does not exceed 125°C. If the junction
temperature increases above that, an internal Thermal Shutdown circuit activates (typically) at 175°C, taking the
controller to a low power reset state by disabling the buck switch. This feature helps prevent catastrophic failures
from accidental device overheating. When the junction temperature reduces below 155°C (typical hysteresis =
20°C), normal operation resumes.
Applications Information
EXTERNAL COMPONENTS
The procedure for calculating the external components is illustrated with the following design example. Referring
to the Block Diagram, the circuit is to be configured for the following specifications:
- VOUT = 5V
- VIN = 8V to 33V
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM34917A


Similar Part No. - LM34917A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results

Similar Description - LM34917A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI-LM34914_15 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI1-LM34914_14 Datasheet
838Kb / 21P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
LM34930 TI1-LM34930 Datasheet
1Mb / 24P
[Old version datasheet]   1A Constant On-Time Buck Switching Regulator with Intelligent Current
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com