Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-G6CH-1G8425-L218-R Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # FAR-G6CH-1G8425-L218-R
Description  SAW Dual Filter (700 to 2000 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-G6CH-1G8425-L218-R Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button FAR-G6CH-1G8425-L218-R Datasheet HTML 3Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L218-R Datasheet HTML 4Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L218-R Datasheet HTML 5Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L218-R Datasheet HTML 6Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L218-R Datasheet HTML 7Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L218-R Datasheet HTML 8Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L218-R Datasheet HTML 9Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L218-R Datasheet HTML 10Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L218-R Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
G5/G6 Series
7
3.
AMPS/TDMA/CDMA Tx
++++ PCS Tx (2 in/2 out)
Part number : FAR-G6CH-1G8800-L214
(Ta
= −30 °C to +85 °C)
Parameter
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion Loss
824 to 849 MHz
2.9
3.6
dB
Inband Ripple
824 to 849 MHz
0.9
1.6
dB
Absolute
Attenuation
DC to 800 MHz
40
45
dB
869 to 894 MHz
28
32
dB
1000 to 1500 MHz
40
47
dB
1500 to 2000 MHz
25
33
dB
Inband VSWR
(Return Loss)
824 to 849 MHz
(9.5)
1.6
(12.7)
2.0
(dB)
Max. Input Power
824 to 849 MHz

15
dBm
Insertion Loss
1850 to 1910 MHz
3.2
4.3
dB
Inband Ripple
1850 to 1910 MHz
1.6
2.7
dB
Absolute
Attenuation
DC to 1500 MHz
21
23
dB
1500 to 1800 MHz
23
25
dB
1930 to 1990 MHz
7
17
dB
2000 to 2100 MHz
28
33
dB
2200 to 3000 MHz
19
23
dB
3000 to 4000 MHz
15
19
dB
Inband VSWR
(Return Loss)
1850 to 1910 MHz
(8.1)
1.8
(10.9)
2.3
(dB)
Max. Input Power
1850 to 1910 MHz

13
dBm


Similar Part No. - FAR-G6CH-1G8425-L218-R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G6KC-1G9600-Y4YY TAIYO-YUDEN-FAR-G6KC-1G9600-Y4YY Datasheet
498Kb / 12P
   SAW Dual Filter
logo
Fujitsu Component Limit...
FAR-G6KE-1G9600-Y4LY FUJITSU-FAR-G6KE-1G9600-Y4LY Datasheet
213Kb / 11P
   CELL/ PCS Rx (50/100ohms)
logo
Taiyo Yuden (U.S.A.), I...
FAR-G6KG-2G1400-Y4SH TAIYO-YUDEN-FAR-G6KG-2G1400-Y4SH Datasheet
543Kb / 15P
   SAW Dual Filter
FAR-G6KT-1G9600-Y4RU TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RU Datasheet
325Kb / 12P
   SAW Dual Filter
FAR-G6KT-1G9600-Y4RY TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RY Datasheet
1Mb / 12P
   SAW Dual Filter
More results

Similar Description - FAR-G6CH-1G8425-L218-R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
E423121 FUJI-E423121 Datasheet
463Kb / 30P
   SAW Dual Filter (700 to 2000 MHz)
logo
Fujitsu Component Limit...
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
logo
TAI-SAW TECHNOLOGY CO.,...
TA0751B TAI-SAW-TA0751B Datasheet
457Kb / 6P
   SAW Filter 2000 MHz
logo
Spectrum Microwave, Inc...
SF1060BA03211S SPECTRUM-SF1060BA03211S Datasheet
1Mb / 3P
   1060 MHz SAW Filter, 700 kHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
logo
API Technologies Corp
SF1060BA03211S APITECH-SF1060BA03211S Datasheet
1Mb / 3P
   1060 MHz SAW Filter, 700 kHz Bandwidth
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com