Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F5CE-881M50-K210-W Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FAR-F5CE-881M50-K210-W
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CE-881M50-K210-W Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FAR-F5CE-881M50-K210-W Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F5CE-881M50-K210-W Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F5CE-881M50-K210-W Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F5CE-881M50-K210-W Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F5CE-881M50-K210-W Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CE-881M50-K210-W Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CE-881M50-K210-W Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CE-881M50-K210-W Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CE-881M50-K210-W Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
F5CE Series (D2 type)
s ELECTRICAL CHARACTERISTICS
1. PDC800 (Tx)
Part number: FAR-F5CE-950M00-D230
(Ta = –30 to +85
°C)
2. PDC800 (Rx)
Part number: FAR-F5CE-820M00-D231
(Ta = –30 to +85
°C)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
940 to 960 MHz
2.6
3.0
dB
Inband ripple
940 to 960 MHz
0.7
1.2
dB
Absolute
attenuation
DC to 680 MHz
50
66
dB
680 to 696 MHz
50
69
dB
810 to 830 MHz
50
66
dB
1015 to 1106 MHz
35
42
dB
1106 to 1700 MHz
50
59
dB
1700 to 2000 MHz
40
59
dB
Inband VSWR
940 to 960 MHz
1.8
2.0
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
810 to 830 MHz
2.5
3.0
dB
Inband ripple
810 to 830 MHz
0.7
1.2
dB
Absolute
attenuation
DC to 760 MHz
50
65
dB
855 to 875 MHz
28
30
dB
875 to 920 MHz
35
38
dB
920 to 1200 MHz
45
60
dB
1200 to 2000 MHz
40
47
dB
Inband VSWR
810 to 830 MHz
1.7
2.0


Similar Part No. - FAR-F5CE-881M50-K210-W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE-881M50-K210-W FUJITSU-FAR-F5CE-881M50-K210-W Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
More results

Similar Description - FAR-F5CE-881M50-K210-W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com