Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25088Q Datasheet(PDF) 4 Page - Texas Instruments

Part # LM25088Q
Description  Wide Input Range Non-Synchronous Buck Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25088Q Datasheet(HTML) 4 Page - Texas Instruments

  LM25088Q Datasheet HTML 1Page - Texas Instruments LM25088Q Datasheet HTML 2Page - Texas Instruments LM25088Q Datasheet HTML 3Page - Texas Instruments LM25088Q Datasheet HTML 4Page - Texas Instruments LM25088Q Datasheet HTML 5Page - Texas Instruments LM25088Q Datasheet HTML 6Page - Texas Instruments LM25088Q Datasheet HTML 7Page - Texas Instruments LM25088Q Datasheet HTML 8Page - Texas Instruments LM25088Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM25088
SNVS609G – DECEMBER 2008 – REVISED MARCH 2011
www.ti.com
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions apply: VVIN =
24V, VVCC= 8V, VEN = 5V RRT = 31.6 kΩ, No load on HG. See note
(1).
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Units
VIN SUPPLY
IBIAS
VIN Operating Current
VFB = 1.3V
3.2
4.5
mA
ISTANDBY
VIN Standby Current
VEN = 1V
2.5
3.0
mA
ISHUTDOWN
VIN Shutdown Current
VEN = 0V
14
24
µA
VCC REGULATOR
VVCC(Reg)
VCC Regulation
VVCC = open
7.4
7.8
8.2
V
VVCC(Reg)
VCC Regulation
VVIN = 4.5V,VVCC=open
4.3
4.5
V
VCC Sourcing Current Limit
VVCC = 0
25
30
mA
VVCC(UV)
VCC Under-Voltage Lockout Threshold
Positive going VVCC
3.7
4
4.2
V
VCC Under-Voltage Hysteresis
200
mV
ENABLE THRESHOLDS
EN Shutdown Threshold
VEN Rising
320
400
480
mV
EN Shutdown Hysteresis
VEN Falling
100
mV
EN Standby Threshold
VEN Rising
1.1
1.2
1.3
V
EN Standby Hysteresis
VEN Falling
120
mV
EN Pull-up Current Source
VEN = 0V
5
µA
SOFT- START
SS Pull-up Current Source
VSS = 0V
8
11
13
µA
FB to SS Offset
VFB = 1.3V
150
mV
ERROR AMPLIFIER
VREF
FB Reference Voltage
Measured at FB Pin
1.187
1.205
1.223
V
FB = COMP
FB Input Bias Current
VFB = 1.2V
18
100
nA
COMP Sink/Source Current
3
mA
AOL
DC Gain
60
dB
FBW
Unity gain bandwidth
3
MHz
PWM COMPARATORS
THG(OFF)
Forced HG Off-time
185
280
365
ns
TON(MIN)
Minimum HG On-time
VVIN = 36V
55
ns
COMP to PWM comparator offset
930
mV
OSCILLATOR (RT Pin)
LM25088-2 (Non-Dithering)
Fnom1
Nominal Oscillator Frequency
RRT =31.6 kΩ
180
200
220
kHz
Fnom2
RRT = 11.3 kΩ
430
500
565
kHz
LM25088-1 (Dithering)
Fmin
Dithering Range
Minimum Dither Frequency
Fnom-5%
kHz
Fmax
Maximum Dither Frequency
Fnom+5%
kHz
SYNC
SYNC positive threshold
2.3
V
SYNC Pulse Width
15
150
ns
CURRENT LIMIT
VCS(TH)
Cycle by cycle sense voltage threshold
VRAMP = 0V
112
120
136
mV
Cycle by Cycle Current Limit Delay
VRAMP = 2.5V
280
ns
(1)
Typical specifications represent the most likely parametric norm at 25°C operation.
4
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM25088


Similar Part No. - LM25088Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25088QMH-1/NOPB TI-LM25088QMH-1/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088QMH-2/NOPB TI-LM25088QMH-2/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088QMHX-1/NOPB TI-LM25088QMHX-1/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088QMHX-2/NOPB TI-LM25088QMHX-2/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results

Similar Description - LM25088Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com