Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK3054 Datasheet(PDF) 4 Page - NEC

Part No. 2SK3054
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3054 Datasheet(HTML) 4 Page - NEC

  2SK3054 Datasheet HTML 1Page - NEC 2SK3054 Datasheet HTML 2Page - NEC 2SK3054 Datasheet HTML 3Page - NEC 2SK3054 Datasheet HTML 4Page - NEC 2SK3054 Datasheet HTML 5Page - NEC 2SK3054 Datasheet HTML 6Page - NEC 2SK3054 Datasheet HTML 7Page - NEC 2SK3054 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D14209EJ2V0DS00
4
2SK3054
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
01
3
5
7
9
6
10
10
Pulsed
30
20
8
4
2
ID = 100 mA
ID = 10 mA
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
ID - Drain Current - mA
Pulsed
1
0.1
10
100
10
100
1
VGS = 4.0 V
VGS = 2.5 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
50
0
10
100
150
ID = 5 mA
15
20
25
VGS = 2.5 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
50
0
100
150
ID = 5 mA
15
20
30
25
VGS = 4.0 V
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
1
1
10
100
10
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
SWITCHING CHARACTERISTICS
ID - Drain Current - mA
1
1
10
100
1 000
10
100
1000
VDD = 3 V
VGS = 3 V
RGS = 10
td(off)
td(on)
tr
tf
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn