Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3054 Datasheet(PDF) 3 Page - NEC

Part # 2SK3054
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3054 Datasheet(HTML) 3 Page - NEC

  2SK3054 Datasheet HTML 1Page - NEC 2SK3054 Datasheet HTML 2Page - NEC 2SK3054 Datasheet HTML 3Page - NEC 2SK3054 Datasheet HTML 4Page - NEC 2SK3054 Datasheet HTML 5Page - NEC 2SK3054 Datasheet HTML 6Page - NEC 2SK3054 Datasheet HTML 7Page - NEC 2SK3054 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D14209EJ2V0DS00
3
2SK3054
TYPICAL CHARACTERISTICS (TA = 25 °C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
0
20
40
60
80
100
120
140
160
20
40
60
80
100
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
0
30
60
90
120
150
180
300
250
200
150
100
50
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
1.0
1.5
2.0
40
0.5
Pulsed
VGS = 4.5 V
80
100
60
20
VGS = 4.0 V
VGS = 2.5 V
FORWARD TRANSFER CHARACTERISTICS
VGS
- Gate to Source Voltage - V
0.1
0.01
1
10
100
Pulsed
0
1
2
VDS = 3 V
3456
7
TA = 150 ˚C
75 ˚C
25 ˚C
−25 ˚C
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 3 V
ID = 1
µA
0
50
100
150
0.5
1.0
2.0
1.5
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - mA
VDS = 5 V
f = 1 kHz
10
10
100
200
100 200
1
5
5


Similar Part No. - 2SK3054

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK3054 VBSEMI-2SK3054 Datasheet
1,012Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SK3054 RENESAS-2SK3054 Datasheet
295Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
logo
VBsemi Electronics Co.,...
2SK3054-T1-A VBSEMI-2SK3054-T1-A Datasheet
1,012Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SK3054C RENESAS-2SK3054C Datasheet
102Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK3054C-T1B-A RENESAS-2SK3054C-T1B-A Datasheet
102Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results

Similar Description - 2SK3054

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1857 RENESAS-PA1857_15 Datasheet
209Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com