Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM21305 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM21305
Description  5A Adjustable Frequency Synchronous Buck Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM21305 Datasheet(HTML) 2 Page - Texas Instruments

  LM21305_14 Datasheet HTML 1Page - Texas Instruments LM21305_14 Datasheet HTML 2Page - Texas Instruments LM21305_14 Datasheet HTML 3Page - Texas Instruments LM21305_14 Datasheet HTML 4Page - Texas Instruments LM21305_14 Datasheet HTML 5Page - Texas Instruments LM21305_14 Datasheet HTML 6Page - Texas Instruments LM21305_14 Datasheet HTML 7Page - Texas Instruments LM21305_14 Datasheet HTML 8Page - Texas Instruments LM21305_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PAD
2
6
3
4
5
1
7
16
15
17
18
19
20
21
PVIN
SW
SW
SW
SW
PVIN
PGND
FREQ
EN
AGND
AGND
AGND
AGND
2V5
LM21305
SNVS639F – DECEMBER 2009 – REVISED MARCH 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM21305 offers flexible system configuration with programmable switching frequency from 300 kHz to 1.5
MHz using one resistor or via external clock synchronization. On-chip bias supply sub-regulators alleviate the
need for external bias power and simplify PCB layout. The device also offers internal soft-start to limit inrush
current, pre-biased and monotonic startup capability, cycle-by-cycle current limiting, and thermal shutdown. Peak
current-mode control with a high-gain error amplifier maintains stability throughout the entire input voltage and
load current ranges and enables excellent line and load transient response.
Offered in a thermally enhanced WQFN-28 package, the LM21305 features internal output over-voltage and
over-current protection circuits for increased system reliability. A precision enable pin and integrated input UVLO
allow the turn-on of the device to be tightly controlled and sequenced. An integrated open-drain power good
indicator provides power rail sequencing capability and fault indication.
Connection Diagram
Figure 1. WQFN-28 Package, Exposed Pad
Package Number RSG
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM21305


Similar Part No. - LM21305_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
More results

Similar Description - LM21305_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com