Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM20323 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM20323
Description  36V, 3A 500 kHz Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20323 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM20323 Datasheet HTML 16Page - Texas Instruments LM20323 Datasheet HTML 17Page - Texas Instruments LM20323 Datasheet HTML 18Page - Texas Instruments LM20323 Datasheet HTML 19Page - Texas Instruments LM20323 Datasheet HTML 20Page - Texas Instruments LM20323 Datasheet HTML 21Page - Texas Instruments LM20323 Datasheet HTML 22Page - Texas Instruments LM20323 Datasheet HTML 23Page - Texas Instruments LM20323 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LM20323
SNVS557B – MAY 2008 – REVISED JANUARY 2009
www.ti.com
Figure 10. Safe Thermal Operating Areas (IOUT = 2.5A)
The dashed lines in the figures above show an approximation of the minimum and maximum duty cycle
limitations; while, the solid lines define areas of operation for a given ambient temperature. This data for the
figure was derived assuming the device is operating at 3A continuous output current on a 4 layer PCB with an
copper area greater than 4 square inches exhibiting a thermal characteristic less than 27 °C/W. Since the
internal losses are dominated by the FETs a slight reduction in current by 500mA allows for much larger regions
of operation, as shown in Figure 9.
Figure 11, shown below, provides a better approximation of the
θJA for a given PCB copper area. The PCB used
in this test consisted of 4 layers: 1oz. copper was used for the internal layers while the external layers were
plated to 2oz. copper weight. To provide an optimal thermal connection, a 5 x 4 array of 12 mil thermal vias
located under the thermal pad was used to connect the 4 layers.
Figure 11. Thermal Resistance vs PCB Area (4 Layer Board)
PCB LAYOUT CONSIDERATIONS
PC board layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance
of a DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce, and resistive voltage loss
in the traces. These can send erroneous signals to the DC-DC converter resulting in poor regulation or instability.
Good layout can be implemented by following a few simple design rules.
1. Minimize area of switched current loops. In a buck regulator there are two loops where currents are switched
at high slew rates. The first loop starts from the input capacitor, to the regulator VIN pin, to the regulator SW pin,
to the inductor then out to the output capacitor and load. The second loop starts from the output capacitor
ground, to the regulator GND pins, to the inductor and then out to the load (see Figure 12). To minimize both
loop areas the input capacitor should be placed as close as possible to the VIN pin. Grounding for both the input
and output capacitor should consist of a small localized top side plane that connects to GND and the exposed
pad (EP). The inductor should be placed as close as possible to the SW pin and output capacitor.
20
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LM20323


Similar Part No. - LM20323

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMH NSC-LM20323AMH Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMHE NSC-LM20323AMHE Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMHX NSC-LM20323AMHX Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
More results

Similar Description - LM20323

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
Diodes Incorporated
AP6507 DIODES-AP6507 Datasheet
448Kb / 13P
   500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com