Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5073 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5073
Description  100V Power Over Ethernet PD Interface with Aux Support
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5073 Datasheet(HTML) 4 Page - Texas Instruments

  LM5073 Datasheet HTML 1Page - Texas Instruments LM5073 Datasheet HTML 2Page - Texas Instruments LM5073 Datasheet HTML 3Page - Texas Instruments LM5073 Datasheet HTML 4Page - Texas Instruments LM5073 Datasheet HTML 5Page - Texas Instruments LM5073 Datasheet HTML 6Page - Texas Instruments LM5073 Datasheet HTML 7Page - Texas Instruments LM5073 Datasheet HTML 8Page - Texas Instruments LM5073 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM5073
SNVS490B – MARCH 2007 – REVISED FEBRUARY 2010
www.ti.com
Electrical Characteristics
(1) (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. VIN = 48V unless
otherwise indicated
(2).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Programmed UVLO Reference Voltage
VIN > 12.5V
1.2
1.24
1.28
V
Programmed UVLO Hysteresis Current
VIN > UVLO
16
20
24
µA
UVLORTN Pull Down Resistance
VIN > 12.5V
55
150
UVLO Filter
300
µs
Power Good
VDS Required for Power Good Status
1.3
1.5
1.7
V
VDS Hysteresis of Power Good Status
0.8
1
1.2
V
VGS Required for Power Good Status
4.5
5.5
6.5
V
Default Delay Time of Loss-of Power Good Status
30
µs
nPGOOD Current Source
40
55
70
µA
nPGOOD Open circuit Voltage
3.5
4
5.5
V
nPGOOD Pull Down Resistance
180
300
nPGOOD Threshold
2
2.5
3
V
Shutdown Outputs
nSD/SD Pull Down Resistance
180
300
Leakage
nSD/SD = 16V
1
µA
Hot Swap
RDS(ON)
Hot Swap MOSFET Resistance
0.7
1.5
Hot Swap MOSFET Leakage
100
µA
Inrush Current Limit
VDS = 4.0V
120
150
180
mA
Default DC Current Limit
VDS = 4.0V
380
440
510
mA
High DC Current Limit
VDS = 4.0V
690
800
930
mA
Current Limit Programming Accuracy
VDS = 4.0V
-12
12
%
Hot Swap Over-Voltage Protection
VIN OVP Threshold
60
65
70
V
VIN OVP Threshold, Hysteresis
3
V
Auxiliary Power Option
FAUX Threshold
8.1
8.7
9.5
V
FAUX Hysteresis
0.5
V
FAUX Pull Down Current
50
µA
RAUX Lower Threshold (I = 22 µA)
RAUX Pin Rising
2.3
2.7
3.4
V
RAUX Lower Threshold Hysteresis
0.8
V
RAUX Upper Threshold (I = 250 µA)
RAUX Pin Rising
5.4
6.2
7.4
V
RAUX Lower Threshold Current
14
22
30
µA
RAUX Upper Threshold Current
170
250
330
µA
PDI Thermal Shutdown(3)
Thermal Shutdown Temperature
165
°C
Thermal Shutdown Hysteresis
20
°C
Thermal Resistance
θJA
Junction to Ambient
PWP Package
40
°C/W
(3)
Device thermal limitations may limit usable range.
4
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Links: LM5073


Similar Part No. - LM5073

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5073 TI1-LM5073 Datasheet
1Mb / 27P
[Old version datasheet]   100V Power Over Ethernet PD Interface
LM5073MH/NOPB TI1-LM5073MH/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   100V Power Over Ethernet PD Interface
LM5073MHX/NOPB TI1-LM5073MHX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   100V Power Over Ethernet PD Interface
More results

Similar Description - LM5073

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5072 NSC-LM5072 Datasheet
945Kb / 24P
   Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
logo
Texas Instruments
LM5073 TI1-LM5073 Datasheet
1Mb / 27P
[Old version datasheet]   100V Power Over Ethernet PD Interface
LM5072 TI1-LM5072 Datasheet
1Mb / 34P
[Old version datasheet]   Integrated 100V Power Over Ethernet PD Interface
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
National Semiconductor ...
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
   Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4267 LINER-LTC4267_15 Datasheet
2Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-3 LINER-LTC4267-3_15 Datasheet
394Kb / 34P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com