Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5037 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5037
Description  Dual-Mode PWM Controller With Alternating Outputs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5037 Datasheet(HTML) 1 Page - Texas Instruments

  LM5037_14 Datasheet HTML 1Page - Texas Instruments LM5037_14 Datasheet HTML 2Page - Texas Instruments LM5037_14 Datasheet HTML 3Page - Texas Instruments LM5037_14 Datasheet HTML 4Page - Texas Instruments LM5037_14 Datasheet HTML 5Page - Texas Instruments LM5037_14 Datasheet HTML 6Page - Texas Instruments LM5037_14 Datasheet HTML 7Page - Texas Instruments LM5037_14 Datasheet HTML 8Page - Texas Instruments LM5037_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LM5037
UVLO
PGND
AGND
COMP
OUTB
OUTA
VCC
SS
RT1
REF
RES
CS
VIN
VIN
VOUT
RT2
FB
RAMP
Isolated
Feedback
LM5037
www.ti.com
SNVS578B – NOVEMBER 2008 – REVISED JANUARY 2010
LM5037 Dual-Mode PWM Controller With Alternating Outputs
Check for Samples: LM5037
1
FEATURES
Programmable line under-voltage lockout
(UVLO) with adjustable hysteresis
2
High voltage (100V) start-up regulator
Versatile dual mode over-current protection
Alternating outputs for double-ended
with hiccup delay timer
topologies
Programmable soft-start
Current-mode or feed-forward voltage-mode
Precision 5V reference output
control
Current sense leading edge blanking
Programmable maximum duty cycle lLimit
Resistor programmed 2 MHz capable oscillator
2% feedback reference accuracy
Oscillator synchronization capability with low
High gain-bandwidth error amplifier
frequency lockout protection
DESCRIPTION
The LM5037 PWM controller contains all the features necessary to implement balanced double-ended power
converter topologies, such as push-pull, half-bridge and full-bridge. These double-ended topologies allow for
higher efficiencies and greater power densities compared to common single-ended topologies such as the
flyback and forward. The LM5037 can be configured for either voltage mode or current mode control with
minimum external components. Two alternating gate drive outputs are provided, each capable of 1.2A peak
output current. The LM5037 can be configured to operate directly from the input voltage rail over a wide range of
13V to 100V. Additional features include programmable maximum duty cycle limit, line under-voltage lockout,
cycle-by-cycle current limit and a hiccup mode fault protection with adjustable timeout delay, soft-start and a 2
MHz capable oscillator with synchronization capability, precision reference and thermal shutdown.
Package
TSSOP-16
Simplified Push-Pull Power Converter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5037_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5037 TI-LM5037_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM5037 Dual-Mode PWM Controller With Alternating Outputs
More results

Similar Description - LM5037_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI1-LM25037_14 Datasheet
581Kb / 29P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI1-LM25037_16 Datasheet
2Mb / 37P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI-LM5037_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM5037 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
Diodes Incorporated
AZ494 DIODES-AZ494 Datasheet
537Kb / 13P
   VOLTAGE MODE DUAL OUTPUT PWM CONTROLLER
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com