Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3025PPAPL-1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EC3025PPAPL-1
Description  Proximity Sensors Capacitive Thermoplastic Polyester Housing Type EC, M30, DC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC3025PPAPL-1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EC3025PPAPL-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC3025PPAPL-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC3025PPAPL-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (20.08.01)
Wiring Diagrams
EC, M30, DC
NPN
PNP
3 BU
2 WH
4 BK
1 BN
1 BN
2 WH
4 BK
3 BU
Max.
Min.
EC3016xPAPL(-1)
EC3025xPAPL(-1)
Sensitivity
Tripleshield
Dist.
Sensitivity
Adjustment
(4-wire device backview)
The environments in which
capacitive sensors are install-
ed can often be unstable re-
garding temperature, humidity,
object distance and industrial
(noise) interference. Because
of this, Carlo Gavazzi offers as
standard features in all TRIP-
LESHIELD™ capacitive sen-
sors a user-friendly sensitivity
adjustment instead of having
a fixed sensing range, extend-
ed sensing range to accom-
modate mechanically demand-
ing areas, temperature stability
to ensure minimum need for
adjusting sensitivity if temper-
ature varies and high immunity
to
electromagnetic
interfer-
ence (EMI).
Note:
Sensors are factory set (de-
fault) to maximum rated sens-
ing range.
Adjustment Guide
Installation Hints
Capacitive sensors have the
unique ability to detect almost
all materials, either in liquid or
solid form. Capacitive sen-
sors can detect metallic as
well as non-metallic objects,
however, their traditional use
is for non-metallic materials
such as:
• Plastic Industry
Resins, regrinds or moulded
products.
• Chemical Industry
Cleansers, fertilisers, liquid
soaps, corrosives and
petrochemicals.
• Wood Industry
Saw dust, paper products,
door and window frames.
• Ceramic & Glass
Industry
Raw material, clay or finish-
ed products, bottles.
• Packaging Industry
Package inspection for
level or contents, dry
goods, fruits and vegeta-
bles, dairy products.
Materials are detected due to
their dielectric constant. The
bigger the size of an object, the
higher the density of material,
the better or easier it is to de-
tect the object. Nominal sens-
ing distance for a capacitive
sensor is referenced to a
grounded metal plate (ST37).
For additional information re-
garding dielectric ratings of
materials
please
refer
to
Technical Information.
Dimensions
Cable
E
F
C
D
SW
A
LED
Type
A
B
C
D
E
F
SW
Ø mm mm mm
mm mm mm
EC 3016xPAPL(-1) M 30 x 1.5 x 50
28
50
13.6 15.4
10
36
EC 3025xPAPL(-1) M 30 x 1.5 x 50
28
62
13.6 15.4
10
36
C
D
SW
A
LED
M12x1
E
Plug


Similar Part No. - EC3025PPAPL-1

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
EC3025PPASL CARLOGAVAZZI-EC3025PPASL Datasheet
365Kb / 3P
   Proximity Sensors Capacitive Stainless Steel Housing
EC3025PPASL-1 CARLOGAVAZZI-EC3025PPASL-1 Datasheet
365Kb / 3P
   Proximity Sensors Capacitive Stainless Steel Housing
More results

Similar Description - EC3025PPAPL-1

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
CA18CAN12NAM1 CARLOGAVAZZI-CA18CAN12NAM1 Datasheet
684Kb / 5P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
CA30CAN25NAM1 CARLOGAVAZZI-CA30CAN25NAM1 Datasheet
698Kb / 5P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
CA12CLC08BPM1RT CARLOGAVAZZI-CA12CLC08BPM1RT Datasheet
786Kb / 4P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
CD46CNC10NP CARLOGAVAZZI-CD46CNC10NP Datasheet
212Kb / 3P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
logo
List of Unclassifed Man...
CA12CLC08BPM1 ETC2-CA12CLC08BPM1 Datasheet
42Kb / 3P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
EC1808NPCP ETC2-EC1808NPCP Datasheet
79Kb / 3P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
logo
Carlo Gavazzi Holding A...
CA30CLN25CPM6 CARLOGAVAZZI-CA30CLN25CPM6 Datasheet
78Kb / 3P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
EC3025TBAPL-6 CARLOGAVAZZI-EC3025TBAPL-6 Datasheet
301Kb / 3P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
CA18CLN12TOM6 CARLOGAVAZZI-CA18CLN12TOM6 Datasheet
364Kb / 3P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
CA18CLC12BPM1 CARLOGAVAZZI-CA18CLC12BPM1 Datasheet
249Kb / 3P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com