Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F5CH-942M50-L2KV Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # FAR-F5CH-942M50-L2KV
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CH-942M50-L2KV Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button FAR-F5CH-942M50-L2KV Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CH-942M50-L2KV Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CH-942M50-L2KV Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CH-942M50-L2KV Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CH-942M50-L2KV Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F5CH-942M50-L2KV Datasheet HTML 10Page - Fujitsu Component Limited. FAR-F5CH-942M50-L2KV Datasheet HTML 11Page - Fujitsu Component Limited. FAR-F5CH-942M50-L2KV Datasheet HTML 12Page - Fujitsu Component Limited. FAR-F5CH-942M50-L2KV Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
F5CH Series (L2 type)
14. EGSM (Rx)
Part number: FAR-F5CH-942M50-L2KM
(Ta = –20 to +80
°C)
15. EGSM (Rx) High Attenuation Type
Part number: FAR-F5CH-942M50-L2KV
(Ta = –20 to +80
°C)
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
925 to 960 MHz
3.2
4.0
dB
Inband ripple
925 to 960 MHz
1.0
2.0
dB
Absolute attenuation
DC to 619 MHz
25
26
dB
619 to 905 MHz
26
27
dB
905 to 915 MHz
10
20
dB
–20 to +25
°C
7
dB
+25 to +80
°C
980 to 1200 MHz
20
30
dB
1200 to 2000 MHz
25
27
dB
Inband VSWR
925 to 960 MHz
2.0
2.5
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
925 to 960 MHz
3.0
5.0
dB
Inband ripple
925 to 960 MHz
1.5
2.5
dB
Absolute attenuation
DC to 619 MHz
30
34
dB
619 to 905 MHz
30
35
dB
905 to 915 MHz
8
10
dB
–20 to +25
°C
6
dB
+25 to +80
°C
980 to 1200 MHz
20
30
dB
1200 to 2000 MHz
30
31
dB
Inband VSWR
925 to 960 MHz
2.4
2.7


Similar Part No. - FAR-F5CH-942M50-L2KV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CH-942M50-L2KV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com