Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5020 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5020
Description  100V Current Mode PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5020 Datasheet(HTML) 1 Page - Texas Instruments

  LM5020_14 Datasheet HTML 1Page - Texas Instruments LM5020_14 Datasheet HTML 2Page - Texas Instruments LM5020_14 Datasheet HTML 3Page - Texas Instruments LM5020_14 Datasheet HTML 4Page - Texas Instruments LM5020_14 Datasheet HTML 5Page - Texas Instruments LM5020_14 Datasheet HTML 6Page - Texas Instruments LM5020_14 Datasheet HTML 7Page - Texas Instruments LM5020_14 Datasheet HTML 8Page - Texas Instruments LM5020_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM5020
www.ti.com
SNVS275F – MAY 2004 – REVISED APRIL 2006
LM5020 100V Current Mode PWM Controller
Check for Samples: LM5020
1
FEATURES
Programmable Oscillator Frequency with
Synchronization Capability
2
Internal Start-up Bias Regulator
Current Sense Leading Edge Blanking
Error Amplifier
Thermal Shutdown Protection
Precision Voltage Reference
Programmable Softstart
APPLICATIONS
1A Peak Gate Driver
Telecommunication Power Converters
Maximum Duty Cycle Limiting (80% for
Industrial Power Converters
LM5020-1 or 50% for LM5020-2)
+42V Automotive Systems
Programmable Line Under Voltage Lockout
(UVLO) with Adjustable Hysteresis
Cycle-by-Cycle Over-Current Protection
Slope Compensation (LM5020-1)
DESCRIPTION
The LM5020 high voltage pulse-width-modulation (PWM) controller contains all of the features needed to
implement single ended primary power converter topologies. Output voltage regulation is based on current-mode
control, which eases the design of loop compensation while providing inherent line feed-forward. The LM5020
includes a high-voltage start-up regulator that operates over a wide input range up to 100V. The PWM controller
is designed for high speed capability including an oscillator frequency range to 1MHz and total propagation
delays less than 100ns. Additional features include an error amplifier, precision reference, line under-voltage
lockout, cycle-by-cycle current limit, slope compensation, softstart, oscillator synchronization capability and
thermal shutdown. The controller is available in both MSOP-10 and LLP-10 packages.
Packages
MSOP-10
LLP-10 (4 mm x 4 mm)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5020_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
More results

Similar Description - LM5020_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI1-LM5020 Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020MM-1 TI-LM5020MM-1 Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com