Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5015 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5015
Description  High Voltage Monolithic Two-Switch Forward DC-DC Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5015 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5015_14 Datasheet HTML 4Page - Texas Instruments LM5015_14 Datasheet HTML 5Page - Texas Instruments LM5015_14 Datasheet HTML 6Page - Texas Instruments LM5015_14 Datasheet HTML 7Page - Texas Instruments LM5015_14 Datasheet HTML 8Page - Texas Instruments LM5015_14 Datasheet HTML 9Page - Texas Instruments LM5015_14 Datasheet HTML 10Page - Texas Instruments LM5015_14 Datasheet HTML 11Page - Texas Instruments LM5015_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
OSCILLATOR
WITH
SYNC
CAPABILITY
VIN
LO
DRIVER
PWM
COMPARATOR
RT
LOGIC
VCC
VCC
LDO
EN
CURRENT
LIMIT
PGND
CURRENT
SENSE
6 PA
SHUTDOWN
1.26V
STANDBY
VCC
VCC
UVLO
LEADING EDGE
BLANKING (LEB)
THERMAL
LIMIT
VCC
A = 30 V/V
ENABLE
Disable
REFERENCE
GENERATOR
GATE
DRIVE
UVLO
LEVEL
SHIFT
ENABLE
CLK
Max
Duty
CFB
11 PA
SS
S
R
Q
DRIVER
HO
PVIN
BST
ENABLE
ENABLE
VDD
FB
COMP
Maximum
ON Time
ON TIME
DELAY
Max
Duty
ON Time
Delay
5k
42 m:
I
42 mV/A
V = 1.25V/A
0.45V
3.7V
1.26V
VDD (+5V)
1.3V
VDD (+5V)
CLK (50% duty)
(165°C)
1.26V
1.5V
AGND
+
-
LM5015
SNVS538B – NOVEMBER 2007 – REVISED JANUARY 2009
www.ti.com
Block Diagram
Figure 13.
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM5015


Similar Part No. - LM5015_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5015 TI-LM5015_15 Datasheet
1Mb / 28P
[Old version datasheet]   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
More results

Similar Description - LM5015_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5015 TI-LM5015_15 Datasheet
1Mb / 28P
[Old version datasheet]   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
National Semiconductor ...
LM5015 NSC-LM5015 Datasheet
389Kb / 24P
   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
Monolithic Power System...
MP6002 MPS-MP6002 Datasheet
511Kb / 15P
   Monolithic Flyback/Forward DC-DC Converter
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6001DN-00B MPS-EV6001DN-00B Datasheet
234Kb / 7P
   Monolithic Flyback/Forward DC-DC Converter EV Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
MP6001 MPS-MP6001 Datasheet
522Kb / 13P
   Monolithic Flyback/Forward dd-DC Converter
logo
Power Integrations, Inc...
DPA422GN POWERINT-DPA422GN Datasheet
1Mb / 20P
   DPA-Switch DC-DC Forward Converter Design Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com