Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3658 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3658
Description  Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3658 Datasheet(HTML) 2 Page - Texas Instruments

  LM3658_14 Datasheet HTML 1Page - Texas Instruments LM3658_14 Datasheet HTML 2Page - Texas Instruments LM3658_14 Datasheet HTML 3Page - Texas Instruments LM3658_14 Datasheet HTML 4Page - Texas Instruments LM3658_14 Datasheet HTML 5Page - Texas Instruments LM3658_14 Datasheet HTML 6Page - Texas Instruments LM3658_14 Datasheet HTML 7Page - Texas Instruments LM3658_14 Datasheet HTML 8Page - Texas Instruments LM3658_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Top View
Bottom View
Die-Attach
Pad (DAP)
GND
Die-Attach
Pad (DAP)
GND
1
2
3
4
5
10
9
8
7
6
10
9
8
7
6
1
2
3
4
5
LM3658
SNVS328E – MAY 2005 – REVISED MARCH 2007
www.ti.com
Connection Diagram and Package Mark Information
Figure 1. WSON10 Package Drawing
Pin Descriptions
Pin #
Name
Description
1
CHG_IN
AC wall adapter input pin.
2
USBpwr
USB power input pin.
3
GND
Power and signal ground pin.
4
USB_sel
Pulling this pin low limits the USB charge current to 100 mA. Pulling this pin high limits the USB charge current to
500 mA.
5
EN_b
Pulling this pin low enables the charger. Pulling this pin high disables the charger.
6
STAT2
Active low open-drain output. Indicates charger status. This pin is capable of driving an LED as well as GPIOs.
See Operation Description section for more detail.
7
STAT1
Active low open-drain output. Indicates charger status. This pin is capable of driving an LED as well as GPIO. See
Operation Description section for more detail.
8
ISET
A resistor is connected between this pin and GND. The resistor value determines the full-rate charge current when
using the AC source.
9
TS
Battery temperature sense pin. This pin must be connected to battery pack’s temperature sense output pin.
For the LM3658SD-B version, leaving this pin open indicates that the battery pack is not present. The charger IC
will invoke LDO mode if this pin is left floating. See Operation Description section for more detail.
10
BATT
Positive battery terminal connection.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
CHG_IN, USBpwr (VCC)
−0.3V to +6.5V
All other pins except GND
−0.3V to CHG_IN or USBpwr
Power Dissipation (4)
Internally Limited
Junction Temperature (TJ-MAX)
+150°C
Storage Temperature Range
−65°C to +150°C
ESD Rating (5)
Human Body Model:
2.0 kV
Machine Model:
200V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The LM3658 has built-in thermal regulation to regulate the die temperature to 120ºC. See Operation Description section for more detail.
(5)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
2
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Links: LM3658


Similar Part No. - LM3658_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3658SD NSC-LM3658SD Datasheet
663Kb / 13P
   Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Texas Instruments
LM3658SD TI1-LM3658SD Datasheet
869Kb / 21P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-A TI1-LM3658SD-A Datasheet
792Kb / 20P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-A/NOPB TI1-LM3658SD-A/NOPB Datasheet
869Kb / 21P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-A/NOPB TI1-LM3658SD-A/NOPB Datasheet
792Kb / 20P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
More results

Similar Description - LM3658_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3658 NSC-LM3658 Datasheet
663Kb / 13P
   Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Texas Instruments
LM3658SD-B TI1-LM3658SD-B Datasheet
869Kb / 21P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-A TI1-LM3658SD-A Datasheet
792Kb / 20P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Eutech Microelectronics...
EUP8020X EUTECH-EUP8020X Datasheet
397Kb / 12P
   Dual Source AC/USB Li-Ion/Polymer Charger IC for Portable Applications
logo
Richtek Technology Corp...
RT9524 RICHTEK-RT9524 Datasheet
336Kb / 12P
   Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102 Datasheet
117Kb / 3P
   Dual source USB Li-Ion charger with gas gauge
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
   USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Richtek Technology Corp...
RT9536H RICHTEK-RT9536H Datasheet
211Kb / 15P
   Linear Single Cell Li-Ion Battery Charger IC for Portable
logo
Texas Instruments
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
[Old version datasheet]   LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com