Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-G5CN-942M50-D296-W Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # FAR-G5CN-942M50-D296-W
Description  SAW Dual Filter (700 to 2000 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-G5CN-942M50-D296-W Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button FAR-G5CN-942M50-D296-W Datasheet HTML 7Page - Fujitsu Component Limited. FAR-G5CN-942M50-D296-W Datasheet HTML 8Page - Fujitsu Component Limited. FAR-G5CN-942M50-D296-W Datasheet HTML 9Page - Fujitsu Component Limited. FAR-G5CN-942M50-D296-W Datasheet HTML 10Page - Fujitsu Component Limited. FAR-G5CN-942M50-D296-W Datasheet HTML 11Page - Fujitsu Component Limited. FAR-G5CN-942M50-D296-W Datasheet HTML 12Page - Fujitsu Component Limited. FAR-G5CN-942M50-D296-W Datasheet HTML 13Page - Fujitsu Component Limited. FAR-G5CN-942M50-D296-W Datasheet HTML 14Page - Fujitsu Component Limited. FAR-G5CN-942M50-D296-W Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
G5/G6 Series
11
7.
EGSM Rx
++++ PCN Rx (2 in/2 out)
Part number : FAR-G6CH-1G8425-L218
(Ta
= −30 °C to +85 °C)
Parameter
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion Loss
925 to 960 MHz

2.5
dB
+20 to +30 °C
2.2
3.0
dB
−30 to +85 °C
Inband Ripple
925 to 960 MHz
0.8
1.6
dB
Absolute
Attenuation
DC to 880 MHz
16
18
dB
880 to 915 MHz
10

dB
+20 to +30 °C
517
dB
−30 to +85 °C
980 to 1200 MHz
13
22
dB
1375 to 1410 MHz
20
24
dB
1850 to 1920 MHz
25
32
dB
2775 to 2880 MHz
15
18
dB
Inband VSWR
(Return Loss)
925 to 960 MHz
(7.4)
2.1
(9.0)
2.5
(dB)
Max. Input Power
925 to 960 MHz

23
dBm
Insertion Loss
1805 to 1880 MHz

3.2
dB
+20 to +30 °C
2.7
3.7
dB
−30 to +85 °C
Inband Ripple
1805 to 1880 MHz
1.1
2.1
dB
Absolute
Attenuation
DC to 1300 MHz
17
18
dB
1355 to 1430 MHz
18
20
dB
1500 to 1710 MHz
20
22
dB
1710 to 1785 MHz
17

dB
+20 to +30 °C
825
dB
−30 to +85 °C
1920 to 1980 MHz
15
29
dB
3610 to 3760 MHz
15
17
dB
5415 to 5640 MHz
12
17
dB
Inband VSWR
(Return Loss)
1805 to 1880 MHz
(7.7)
2.0
(9.5)
2.4
(dB)
Max. Input Power
1805 to 1880 MHz

13
dBm


Similar Part No. - FAR-G5CN-942M50-D296-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G5KC-942M50-Y4YW TAIYO-YUDEN-FAR-G5KC-942M50-Y4YW Datasheet
1Mb / 12P
   SAW Dual Filter
logo
Fujitsu Component Limit...
FAR-G5KK-911M50-D4KE FUJITSU-FAR-G5KK-911M50-D4KE Datasheet
187Kb / 9P
   JCDMA/CDMA (B.W.27MHz 25MHz) Tx
FAR-G5KL-911M50-D4XC FUJITSU-FAR-G5KL-911M50-D4XC Datasheet
220Kb / 9P
   JCDMA(BW27MHz)/ Cell Tx
logo
Taiyo Yuden (U.S.A.), I...
FAR-G5KT-942M50-Y4RW TAIYO-YUDEN-FAR-G5KT-942M50-Y4RW Datasheet
558Kb / 12P
   SAW Dual Filter
FAR-G5KT-942M50-Y4RZ TAIYO-YUDEN-FAR-G5KT-942M50-Y4RZ Datasheet
532Kb / 12P
   SAW Dual Filter
More results

Similar Description - FAR-G5CN-942M50-D296-W

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
E423121 FUJI-E423121 Datasheet
463Kb / 30P
   SAW Dual Filter (700 to 2000 MHz)
logo
Fujitsu Component Limit...
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
logo
TAI-SAW TECHNOLOGY CO.,...
TA0751B TAI-SAW-TA0751B Datasheet
457Kb / 6P
   SAW Filter 2000 MHz
logo
Spectrum Microwave, Inc...
SF1060BA03211S SPECTRUM-SF1060BA03211S Datasheet
1Mb / 3P
   1060 MHz SAW Filter, 700 kHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
logo
API Technologies Corp
SF1060BA03211S APITECH-SF1060BA03211S Datasheet
1Mb / 3P
   1060 MHz SAW Filter, 700 kHz Bandwidth
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com