Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-G5CN-942M50-D294-U Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # FAR-G5CN-942M50-D294-U
Description  SAW Dual Filter (700 to 2000 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-G5CN-942M50-D294-U Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button FAR-G5CN-942M50-D294-U Datasheet HTML 4Page - Fujitsu Component Limited. FAR-G5CN-942M50-D294-U Datasheet HTML 5Page - Fujitsu Component Limited. FAR-G5CN-942M50-D294-U Datasheet HTML 6Page - Fujitsu Component Limited. FAR-G5CN-942M50-D294-U Datasheet HTML 7Page - Fujitsu Component Limited. FAR-G5CN-942M50-D294-U Datasheet HTML 8Page - Fujitsu Component Limited. FAR-G5CN-942M50-D294-U Datasheet HTML 9Page - Fujitsu Component Limited. FAR-G5CN-942M50-D294-U Datasheet HTML 10Page - Fujitsu Component Limited. FAR-G5CN-942M50-D294-U Datasheet HTML 11Page - Fujitsu Component Limited. FAR-G5CN-942M50-D294-U Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
G5/G6 Series
8
4.
AMPS/TDMA/CDMA Rx
++++ PCS Rx (2 in/2 out)
Part number : FAR-G6CH-1G9600-L215
(Ta
= −30 °C to +85 °C)
Parameter
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion Loss
869 to 894 MHz
3.0
3.6
dB
Inband Ripple
869 to 894 MHz
1.0
1.6
dB
Absolute
Attenuation
DC to 800 MHz
42
50
dB
824 to 849 MHz
30
45
dB
920 to 1000 MHz
28
30
dB
1000 to 1500 MHz
40
45
dB
1500 to 2000 MHz
23
32
dB
Inband VSWR
(Return Loss)
869 to 894 MHz
(9.5)
1.5
(14.0)
2.0
(dB)
Max. Input Power
869 to 894 MHz

15
dBm
Insertion Loss
1930 to 1990 MHz
3.2
4.3
dB
Inband Ripple
1930 to 1990 MHz
1.5
2.6
dB
Absolute
Attenuation
DC to 1500 MHz
21
23
dB
1500 to 1850 MHz
23
25
dB
1850 to 1910 MHz
8
25
dB
2040 to 2200 MHz
25
30
dB
2500 to 3000 MHz
20
24
dB
3000 to 4000 MHz
15
18
dB
Inband VSWR
(Return Loss)
1930 to 1990 MHz
(8.1)
1.5
(14.0)
2.3
(dB)
Max. Input Power
1930 to 1990 MHz

13
dBm


Similar Part No. - FAR-G5CN-942M50-D294-U

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G5KC-942M50-Y4YW TAIYO-YUDEN-FAR-G5KC-942M50-Y4YW Datasheet
1Mb / 12P
   SAW Dual Filter
logo
Fujitsu Component Limit...
FAR-G5KK-911M50-D4KE FUJITSU-FAR-G5KK-911M50-D4KE Datasheet
187Kb / 9P
   JCDMA/CDMA (B.W.27MHz 25MHz) Tx
FAR-G5KL-911M50-D4XC FUJITSU-FAR-G5KL-911M50-D4XC Datasheet
220Kb / 9P
   JCDMA(BW27MHz)/ Cell Tx
logo
Taiyo Yuden (U.S.A.), I...
FAR-G5KT-942M50-Y4RW TAIYO-YUDEN-FAR-G5KT-942M50-Y4RW Datasheet
558Kb / 12P
   SAW Dual Filter
FAR-G5KT-942M50-Y4RZ TAIYO-YUDEN-FAR-G5KT-942M50-Y4RZ Datasheet
532Kb / 12P
   SAW Dual Filter
More results

Similar Description - FAR-G5CN-942M50-D294-U

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
E423121 FUJI-E423121 Datasheet
463Kb / 30P
   SAW Dual Filter (700 to 2000 MHz)
logo
Fujitsu Component Limit...
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
logo
TAI-SAW TECHNOLOGY CO.,...
TA0751B TAI-SAW-TA0751B Datasheet
457Kb / 6P
   SAW Filter 2000 MHz
logo
Spectrum Microwave, Inc...
SF1060BA03211S SPECTRUM-SF1060BA03211S Datasheet
1Mb / 3P
   1060 MHz SAW Filter, 700 kHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
logo
API Technologies Corp
SF1060BA03211S APITECH-SF1060BA03211S Datasheet
1Mb / 3P
   1060 MHz SAW Filter, 700 kHz Bandwidth
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com