Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2795 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2795
Description  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2795 Datasheet(HTML) 1 Page - Texas Instruments

  LM2795 Datasheet HTML 1Page - Texas Instruments LM2795 Datasheet HTML 2Page - Texas Instruments LM2795 Datasheet HTML 3Page - Texas Instruments LM2795 Datasheet HTML 4Page - Texas Instruments LM2795 Datasheet HTML 5Page - Texas Instruments LM2795 Datasheet HTML 6Page - Texas Instruments LM2795 Datasheet HTML 7Page - Texas Instruments LM2795 Datasheet HTML 8Page - Texas Instruments LM2795 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM2794/95
C1+
GND
BRGT
D1
D2
VIN
POUT
C1-
SD
ISET
RSET
1PF
C2-
C1
CIN
1PF
C2
1PF
CHOLD
1PF
D3
D4
C2+
LED2
LED1
LED3
LED4
LM2794, LM2795
www.ti.com
SNVS168K – MAY 2004 – REVISED MAY 2004
LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and
PWM Brightness Control
Check for Samples: LM2794, LM2795
1
FEATURES
Constant Frequency generates predictable
noise spectrum
2
Regulated current sources with ±0.5%
Standard Micro SMD-14 package: 2.08mm X
matching between any two outputs
2.403mm X 0.845mm High
High efficiency 3/2 boost function
Thin Micro SMD-14 package: 2.08mm X
Drives one, two, three or four white LEDs
2.403mm X 0.600mm High
2.7V to 5.5V Input Voltage
Up to 80mA output current
APPLICATIONS
Analog brightness control
White LED Display Backlights
Active-low or high shutdown input ('94/95)
White LED Keypad Backlights
Very small solution size and no inductor
1-Cell Li-Ion battery-operated equipment
2.3µA (typ.) shutdown current
including PDAs, hand-held PCs, cellular
325kHz switching frequency (min.)
phones
DESCRIPTION
The LM2794/95 is a fractional CMOS charge-pump that provides four regulated current sources. It accepts an
input voltage range from 2.7V to 5.5V and maintains a constant current determined by an external sense resistor.
The LM2794/5 delivers up to 80mA of load current to accommodate four White LEDs. The switching frequency is
325kHz. (min.) to keep the conducted noise spectrum away from sensitive frequencies within portable RF
devices.
Brightness can be controlled by both linear and PWM techniques. A voltage between 0V and 3.0V may be
applied to the BRGT pin to linearly vary the LED current. Alternatively, a PWM signal can be applied to the SD
pin to vary the perceived brightness of the LED. The SD pin reduces the operating current to 2.3µA (typ.) The
LM2794 is shut down when the SD pin is low, and the LM2795 is shut down when the SD pin is high.
The LM2794/95 is available in a micro SMD-14 CSP package.
Basic Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2795

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2795 TI1-LM2795 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27951 TI1-LM27951 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
logo
National Semiconductor ...
LM27951SD NSC-LM27951SD Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27951SD TI1-LM27951SD Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
More results

Similar Description - LM2795

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
   White LED Charge Pump Current Source with PWM Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com