Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2984 Datasheet(PDF) 1 Page - NEC

Part # 2SK2984
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2984 Datasheet(HTML) 1 Page - NEC

  2SK2984 Datasheet HTML 1Page - NEC 2SK2984 Datasheet HTML 2Page - NEC 2SK2984 Datasheet HTML 3Page - NEC 2SK2984 Datasheet HTML 4Page - NEC 2SK2984 Datasheet HTML 5Page - NEC 2SK2984 Datasheet HTML 6Page - NEC 2SK2984 Datasheet HTML 7Page - NEC 2SK2984 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice.
©
1998
MOS FIELD EFFECT TRANSISTOR
2SK2984
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
Document No. D12356EJ1V0DS00 (1st edition)
Date Published October 1998 NS CP (K)
Printed in Japan
DATA SHEET
DESCRIPTION
This product is N-Channel MOS Field Effect Transistor designed for high current switching application.
FEATURES
• Low on-resistance
RDS(on)1 = 10 m
Ω (MAX.) (VGS = 10 V, ID = 20 A)
RDS(on)2 = 15 m
Ω (MAX.) (VGS = 4.5 V, ID = 20 A)
• Low Ciss
Ciss = 2850 pF TYP.
• Built-in gate protection diode
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK2984
TO-220AB
2SK2984-S
TO-262
2SK2984-ZJ
TO-263
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Drain to Source Voltage
Note1
VDSS
30
V
Gate to Source Voltage
Note2
VGSS
±20
V
Drain Current (DC)
ID(DC)
±40
A
Drain Current (pulse)
Note3
ID(pulse)
±160
A
Total Power Dissipation (TA = 25°C)
PT
1.5
W
Total Power Dissipation (Tc = 25°C)
PT
60
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes.1 VGS = 0 V
2 VDS = 0 V
3 PW
≤ 10
µ s, Duty Cycle ≤ 1 %
.


Similar Part No. - 2SK2984

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2984 RENESAS-2SK2984 Datasheet
240Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
2SK2984-S RENESAS-2SK2984-S Datasheet
240Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
2SK2984-ZJ RENESAS-2SK2984-ZJ Datasheet
240Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
More results

Similar Description - 2SK2984

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com