Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFLM7705 Datasheet(PDF) 10 Page - Texas Instruments

Part # CFLM7705
Description  Low Noise Negative Bias Generator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CFLM7705 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CFLM7705_14 Datasheet HTML 6Page - Texas Instruments CFLM7705_14 Datasheet HTML 7Page - Texas Instruments CFLM7705_14 Datasheet HTML 8Page - Texas Instruments CFLM7705_14 Datasheet HTML 9Page - Texas Instruments CFLM7705_14 Datasheet HTML 10Page - Texas Instruments CFLM7705_14 Datasheet HTML 11Page - Texas Instruments CFLM7705_14 Datasheet HTML 12Page - Texas Instruments CFLM7705_14 Datasheet HTML 13Page - Texas Instruments CFLM7705_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
POWER
SUPPLY
PRE
REGULATOR
LOAD
CHARGE
PUMP
POST
REGULATOR
LM7705
V+
OSCILLATOR
CFLY
OUT=V-
CRES
CAP+
CAP-
S2
S1
S4
S3
Ó1
Ó2
LM7705
SNVS420A – NOVEMBER 2008 – REVISED JUNE 2009
www.ti.com
Figure 3. Voltage Inverter
The internal oscillator generates two anti-phase clock signals. Clock 1 controls switches S1 and S2. Clock 2
controls switches S3 and S4. When Switches S1 and S2 are closed, capacitor CFLY is charged to V
+. When
switches S3 and S4 are closed (S1 and S2 are open) charge from CFLY is transferred to CRES and the output
voltage OUT is equal to -V+.
Due to the switched capacitor technique a small ripple will be present at the output voltage, with a frequency of
the oscillator. The magnitude of this ripple will increase for increasing output currents. The magnitude of the
ripple can be influenced by changing the values of the used capacitors.
In the next section a more detailed technical description of the LM7705 will be given.
TECHNICAL DESCRIPTION
As indicated in the functional description section, the main function of the LM7705 is to supply a stabilized
negative bias voltage to a load, using only a positive supply voltage. A general block diagram for this charge
pump inverter is given in Figure 4. The external power supply and load are added in this diagram as well.
Figure 4. LM7705 Architecture
The architecture given in Figure 4 shows that the LM7705 contains 3 functional blocks:
Pre-regulator
Charge pump inverter
Post-regulator
The output voltage is stabilized by:
Controlling the power supplied from the power supply to the charge pump input by the pre-regulator
The power supplied from the charge pump output to the load by the post-regulator.
A more detailed block diagram of the negative bias generator is given in Figure 5. The control of the pre-
regulator is based on measuring the output voltage of the charge pump. The goal of the post-regulator is to
provide an accurate controlled negative voltage at the output, and acts as a low pass filter to attenuate the output
voltage ripple. The voltage ripple is a result of the switching behavior of the charge pump and is dependent of the
output current and the values of the used capacitors.
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LM7705


Similar Part No. - CFLM7705_14

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CFL-2LPP-044N2TSH-A-100D HIROSE-CFL-2LPP-044N2TSH-A-100D Datasheet
332Kb / 8P
   0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
2022.1
logo
FENGJUI TECHNOLOGY CO.,...
CFL0402C FENGJUI-CFL0402C Datasheet
181Kb / 4P
   CERAMIC CHIP INDUCTOR-RoHS
CFL0402C-10N FENGJUI-CFL0402C-10N Datasheet
181Kb / 4P
   CERAMIC CHIP INDUCTOR-RoHS
CFL0402C-11N FENGJUI-CFL0402C-11N Datasheet
181Kb / 4P
   CERAMIC CHIP INDUCTOR-RoHS
CFL0402C-12N FENGJUI-CFL0402C-12N Datasheet
181Kb / 4P
   CERAMIC CHIP INDUCTOR-RoHS
More results

Similar Description - CFLM7705_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7705 NSC-LM7705 Datasheet
410Kb / 16P
   Low Noise Negative Bias Generator
logo
Texas Instruments
LM7705 TI-LM7705_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM7705 Low-Noise Negative Bias Generator
LM7705 TI-LM7705 Datasheet
1Mb / 22P
[Old version datasheet]   LM7705 Low Noise Negative Bias Generator
logo
Linear Technology
LT3048 LINER-LT3048_15 Datasheet
236Kb / 16P
   Low Noise Bias Generator in 2mm 2mm DFN
logo
Maxim Integrated Produc...
MAX850 MAXIM-MAX850 Datasheet
118Kb / 8P
   Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
MGA-684P8 AVAGO-MGA-684P8 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-631P8-TR1G AVAGO-MGA-631P8-TR1G Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com