Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F5CH-888M50-L2CW Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # FAR-F5CH-888M50-L2CW
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CH-888M50-L2CW Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button FAR-F5CH-888M50-L2CW Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW Datasheet HTML 10Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW Datasheet HTML 11Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW Datasheet HTML 12Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW Datasheet HTML 13Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
F5CH Series (L2 type)
16. PDC800 (Tx) High Attenuation Type
Part number: FAR-F5CH-950M00-L2FW
(Ta = –30 to +85
°C)
17. PDC800 (Rx)
Part number: FAR-F5CH-820M00-L2FM
(Ta = –30 to +85
°C)
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
940 to 960 MHz
—2.8
3.5
dB
Inband ripple
940 to 960 MHz
—1.0
2.0
dB
Absolute attenuation
DC to 680 MHz
30
34
dB
680 to 696 MHz
33
36
dB
810 to 830 MHz
40
44
dB
1015 to 1106 MHz
40
45
dB
1106 to 2000 MHz
30
34
dB
Inband VSWR
940 to 960 MHz
—1.6
2.0
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
810 to 830 MHz
—1.8
2.5
dB
Inband ripple
810 to 830 MHz
—1.0
1.5
dB
Absolute attenuation
DC to 680 MHz
20
24
dB
680 to 700 MHz
25
29
dB
875 to 940 MHz
25
30
dB
940 to 1070 MHz
30
32
dB
1070 to 1090 MHz
35
37
dB
1090 to 2000 MHz
20
24
dB
Inband VSWR
810 to 830 MHz
—1.8
2.0


Similar Part No. - FAR-F5CH-888M50-L2CW

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CH-888M50-L2CW

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com