Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XH9-009PKC-E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # XH9-009PKC-E
Description  100 mW/900 MHz or 50 mW/2.4 GHz Stand-Alone Radio Modems
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XH9-009PKC-E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  XH9-009PKC-E Datasheet HTML 1Page - List of Unclassifed Manufacturers XH9-009PKC-E Datasheet HTML 2Page - List of Unclassifed Manufacturers XH9-009PKC-E Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Digi International:
X24-009PKC-RA X24-009PKC-UA X24-019PKC-RA X24-019PKC-UA X24-009PKT-RA X24-009PKI-RA X24-
019PKT-R X24-019PKI-RA X24-009PKT-R X24-009PKI-TA X09-019PKI-TA X24-009PKI-R X24-019PKI-R X24-
009PKC-R X24-019PKC-R X24-009PKC-U X24-019PKC-U X24-009PKC-EA X24-019PKC-EA X24-009PKC-E
X24-019PKC-E X24-019PKT-RA XH9-009PKC-RA XH9-009PKC-E XH9-019PKC-EA XH9-019PKC-U XH9-
019PKC-RA XH9-009PKC-EA-W XH9-019PKC-R XH9-009PKC-R XH9-019PKC-E XH9-009PKC-U XH9-009PKC-
UA


Similar Part No. - XH9-009PKC-E

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
XH922-150.0M CONNOR-WINFIELD-XH922-150.0M Datasheet
116Kb / 2P
   High Reliability Surface Mount LVCMOS Clock Oscillator Series
XH923-150.0M CONNOR-WINFIELD-XH923-150.0M Datasheet
116Kb / 2P
   High Reliability Surface Mount LVCMOS Clock Oscillator Series
XH932-150.0M CONNOR-WINFIELD-XH932-150.0M Datasheet
116Kb / 2P
   High Reliability Surface Mount LVCMOS Clock Oscillator Series
XH933-150.0M CONNOR-WINFIELD-XH933-150.0M Datasheet
116Kb / 2P
   High Reliability Surface Mount LVCMOS Clock Oscillator Series
More results

Similar Description - XH9-009PKC-E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
HN-1010 MURATA-HN-1010 Datasheet
130Kb / 2P
   2.4 GHz Stand-Alone Modems
logo
List of Unclassifed Man...
X09-009PKI-R ETC2-X09-009PKI-R Datasheet
1Mb / 2P
   900 MHz and 2.4 GHz stand-alone RF modems provide outstanding range (up to 20 miles) in a low-cost wireless solution.
logo
Micro Commercial Compon...
BZT52C2V4LP MCC-BZT52C2V4LP_16 Datasheet
450Kb / 4P
   100 mW Zener Diode 2.4 to 39 Volts
logo
Molex Electronics Ltd.
0479500011 MOLEX11-0479500011 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
0479501001 MOLEX11-0479501001 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
0479501011 MOLEX11-0479501011 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
PS-47950-011 MOLEX-PS-47950-011 Datasheet
105Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*15.9mm)
2015-04-14
logo
Analog Devices
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com