Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-C3CN-06000-G11-R Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FAR-C3CN-06000-G11-R
Description  Piezoelectric Resonator (4 to 20 MHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-C3CN-06000-G11-R Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FAR-C3CN-06000-G11-R Datasheet HTML 1Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 2Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 3Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 4Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 5Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 6Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 7Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 8Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FAR Family (C3 series M/N type)
s STANDARD CHARACTERISTICS
C3 series
Remarks
Material
Lithium Tantalate (LiTaO3)
Frequency
4 MHz to 20 MHz
Standard frequency
See “s Standard Frequency.”
Initial frequency deviation
(F),
±0.05% (G)
±0.1% (J) and ± 0.3% (K) are also
available upon request.
Temperature characteristics
+0.035%
–0.025%
(Within –10
°C to +60°C)
Reference temperature: +25
°C
Capacity of built-in capacitor
20
±8 pF (Standard)
10
±4 pF are also available.
Capacity is specified by Fujitsu,
considering matching data with
applied IC (mainly microcomputer).
Operating temperature
–30
°C to +85°C
Storage temperature
–40
°C to +100°C
Standard measuring circuit
• Oscillation frequency
• Serial resonant resistance
+0.025%
–0.035%
1 M
R
C1
C2
Microcomputer
1/6MC74ACO4
× 2
(4 MHz to 8 MHz)
1/6TC74ACO4
× 2
(8 MHz to 20 MHz)
• VCC = 5.0 V DC
• R: Resonator
• C1, C2: Loading capacitors (built-in)
FAR
C1
C2
LM
R
75
75
OSC
R: Resonator
Measuring equipment: Spectrum analyzer
Series
Item


Similar Part No. - FAR-C3CN-06000-G11-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CG FUJITSU-FAR-C4CG Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M FUJITSU-FAR-C4CG-0800-M Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M02 FUJITSU-FAR-C4CG-0800-M02 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M05 FUJITSU-FAR-C4CG-0800-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
More results

Similar Description - FAR-C3CN-06000-G11-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CN FUJITSU-FAR-C4CN Datasheet
61Kb / 9P
   Piezoelectric Resonator (4 to 23.9 MHz)
FAR-C4CL FUJITSU-FAR-C4CL Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
   Piezoelectric Resonator
FAR-M2DB FUJITSU-FAR-M2DB Datasheet
65Kb / 8P
   Piezoelectric VCO (4 to 30 MHz)
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com