Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS734XX Datasheet(PDF) 11 Page - Texas Instruments

Part No. TPS734XX
Description  250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TPS734XX Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS734XX_14 Datasheet HTML 7Page - Texas Instruments TPS734XX_14 Datasheet HTML 8Page - Texas Instruments TPS734XX_14 Datasheet HTML 9Page - Texas Instruments TPS734XX_14 Datasheet HTML 10Page - Texas Instruments TPS734XX_14 Datasheet HTML 11Page - Texas Instruments TPS734XX_14 Datasheet HTML 12Page - Texas Instruments TPS734XX_14 Datasheet HTML 13Page - Texas Instruments TPS734XX_14 Datasheet HTML 14Page - Texas Instruments TPS734XX_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-Oct-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPS73401DDCR
ACTIVE
SOT
DDC
5
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 125
OCW
TPS73401DDCT
ACTIVE
SOT
DDC
5
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 125
OCW
TPS73401DRVR
ACTIVE
SON
DRV
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
CBG
TPS73401DRVT
ACTIVE
SON
DRV
6
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
CBG
TPS73418DRBR
PREVIEW
SON
DRB
8
TBD
Call TI
Call TI
-40 to 125
TPS73418DRBT
PREVIEW
SON
DRB
8
TBD
Call TI
Call TI
-40 to 125
TPS73418DRVR
ACTIVE
SON
DRV
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
CBI
TPS73418DRVT
ACTIVE
SON
DRV
6
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
CBI
TPS73430DRBR
PREVIEW
SON
DRB
8
TBD
Call TI
Call TI
-40 to 125
TPS73430DRBT
PREVIEW
SON
DRB
8
TBD
Call TI
Call TI
-40 to 125
TPS73430DRVR
ACTIVE
SON
DRV
6
3000
Green (RoHS
& no Sb/Br)
NIPDAU | CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
CVW
TPS73430DRVT
ACTIVE
SON
DRV
6
250
Green (RoHS
& no Sb/Br)
NIPDAU | CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
CVW
TPS73433DDCR
ACTIVE
SOT
DDC
5
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 125
OEV
TPS73433DDCT
ACTIVE
SOT
DDC
5
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 125
OEV
TPS73433DRBR
PREVIEW
SON
DRB
8
TBD
Call TI
Call TI
-40 to 125
TPS73433DRBT
PREVIEW
SON
DRB
8
TBD
Call TI
Call TI
-40 to 125
TPS73433DRVR
ACTIVE
SON
DRV
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
CVX
TPS73433DRVT
ACTIVE
SON
DRV
6
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
CVX
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn