Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS734XX Datasheet(PDF) 6 Page - Texas Instruments

Part No. TPS734XX
Description  250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS734XX Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS734XX_14 Datasheet HTML 2Page - Texas Instruments TPS734XX_14 Datasheet HTML 3Page - Texas Instruments TPS734XX_14 Datasheet HTML 4Page - Texas Instruments TPS734XX_14 Datasheet HTML 5Page - Texas Instruments TPS734XX_14 Datasheet HTML 6Page - Texas Instruments TPS734XX_14 Datasheet HTML 7Page - Texas Instruments TPS734XX_14 Datasheet HTML 8Page - Texas Instruments TPS734XX_14 Datasheet HTML 9Page - Texas Instruments TPS734XX_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
400
350
300
250
200
150
100
50
0
0
50
100
150
200
250
I
(mA)
OUT
T
J =
40 C
-
°
T
J =+125 C
°
T
J =+85 C
°
T
J =0 C
°
T
J =+25 C
°
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
90
80
70
60
50
40
30
20
10
0
C
=10 F
OUT
m
C
=0.01 F
NR
m
I
=250mA
OUT
I
=
100mA
OUT
I
=200mA
OUT
I
=1mA
OUT
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
90
80
70
60
50
40
30
20
10
0
C
=2.2 F
OUT
m
C
=0.01 F
NR
m
I
=200mA
OUT
I
=
100mA
OUT
I
=250mA
OUT
I
=1mA
OUT
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
90
80
70
60
50
40
30
20
10
0
C
=2.2 F
OUT
m
C
=0.01 F
NR
m
I
=200mA
OUT
I
=
100mA
OUT
I
=
200mA
OUT
I
=1mA
OUT
30
25
20
15
10
5
0
0
5
10
15
20
25
C
( F)
m
OUT
I
=1mA
C
=0.01 F
OUT
NR
m
140
120
100
80
60
40
20
0
0.01
0.1
1
10
C
(nF)
NR
I
=1mA
C
=2.2 F
OUT
OUT
m
TPS734xx
SBVS089F – DECEMBER 2007 – REVISED FEBRUARY 2009 ........................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C); VIN = VOUT(TYP) + 0.3V or 2.7V, whichever is greater; IOUT = 1mA,
VEN = VIN,COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS73401, VOUT = 3.0V. Typical values are at TJ =
+25°C.
TPS73401 DROPOUT VOLTAGE vs
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
OUTPUT CURRENT
(VIN – VOUT = 1.0V)
Figure 9.
Figure 10.
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
(VIN – VOUT = 0.5V)
(VIN – VOUT = 0.3V)
Figure 11.
Figure 12.
TPS73425
TPS73425
TOTAL NOISE vs CNR
TOTAL NOISE vs COUT
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn