Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS734XX Datasheet(PDF) 4 Page - Texas Instruments

Part No. TPS734XX
Description  250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS734XX Datasheet(HTML) 4 Page - Texas Instruments

  TPS734XX_14 Datasheet HTML 1Page - Texas Instruments TPS734XX_14 Datasheet HTML 2Page - Texas Instruments TPS734XX_14 Datasheet HTML 3Page - Texas Instruments TPS734XX_14 Datasheet HTML 4Page - Texas Instruments TPS734XX_14 Datasheet HTML 5Page - Texas Instruments TPS734XX_14 Datasheet HTML 6Page - Texas Instruments TPS734XX_14 Datasheet HTML 7Page - Texas Instruments TPS734XX_14 Datasheet HTML 8Page - Texas Instruments TPS734XX_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DEVICE INFORMATION
FUNCTIONAL BLOCK DIAGRAMS
Thermal
Shutdown
UVLO
Current
Limit
3.3MW
Overshoot
Detect
500kW
1.208V
Bandgap
IN
EN
FB
OUT
GND
400W
Thermal
Shutdown
UVLO
Current
Limit
2 A
m
Overshoot
Detect
500kW
Quickstart
1.208V
Bandgap
(1)
IN
EN
NR
OUT
GND
400W
NOTE(1): Fixedvoltageversionsbetween1.0Vto1.2Vhavea1.0Vbandgapcircuit
insteadofa1.208Vbandgapcircuit.
PIN CONFIGURATIONS
TPS734xxDDC
TSOT23-5
(TOPVIEW)
OUT
NR
IN
GND
EN
1
2
3
5
4
TPS73401DDC
TSOT23-5
(TOPVIEW)
OUT
FB
IN
GND
EN
1
2
3
5
4
TPS734xxDRV
2mmx2mmSON-6
(TOPVIEW)
IN
N/C
EN
6
5
4
OUT
NR
GND
1
2
3
GND
TPS73401DRV
2mmx2mmSON-6
(TOPVIEW)
IN
N/C
EN
6
5
4
OUT
FB
GND
1
2
3
GND
TPS734xx
SBVS089F – DECEMBER 2007 – REVISED FEBRUARY 2009 ........................................................................................................................................ www.ti.com
Figure 1. Fixed Voltage Versions
Figure 2. Adjustable Voltage Versions
PIN DESCRIPTIONS
TPS734xx
NAME
DDC
DRV
DRB
DESCRIPTION
IN
1
6
8
Input supply.
GND
2
3, Pad
4
Ground. The pad must be tied to GND.
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the
EN
3
4
5
regulator into shutdown mode. EN can be connected to IN if not used.
Fixed voltage versions only; connecting an external capacitor to this pin bypasses noise
NR
4
2
3
generated by the internal bandgap. This allows output noise to be reduced to very low
levels.
Adjustable version only; this is the input to the control loop error amplifier, and is used to set
FB
4
2
3
the output voltage of the device.
Output of the regulator. A small capacitor (total typical capacitance
≥ 2.0
µF ceramic) is
OUT
5
1
1
needed from this pin to ground to assure stability.
N/C
5
2, 6, 7
Not internally connected. This pin must either be left open, or tied to GND.
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn