Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38511 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP38511
Description  800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38511 Datasheet(HTML) 5 Page - Texas Instruments

  LP38511 Datasheet HTML 1Page - Texas Instruments LP38511 Datasheet HTML 2Page - Texas Instruments LP38511 Datasheet HTML 3Page - Texas Instruments LP38511 Datasheet HTML 4Page - Texas Instruments LP38511 Datasheet HTML 5Page - Texas Instruments LP38511 Datasheet HTML 6Page - Texas Instruments LP38511 Datasheet HTML 7Page - Texas Instruments LP38511 Datasheet HTML 8Page - Texas Instruments LP38511 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LP38511
www.ti.com
SNOSAU6D – NOVEMBER 2007 – REVISED MARCH 2009
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: TJ = 25°C, VIN = 2.5V, VEN = VIN, CIN = 10 µF, COUT = 10 µF, IOUT = 10 mA.
VOUT vs Temperature
VOUT vs VIN
Figure 3.
Figure 4.
Ground Pin Current (IGND) vs VIN
Ground Pin Current (IGND) vs Temperature
Figure 5.
Figure 6.
Ground Pin Current(IGND) vs Temperature, VEN = 0.5V
Enable Thresholds vs Temperature
Figure 7.
Figure 8.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38511


Similar Part No. - LP38511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI-LP38511 Datasheet
1Mb / 20P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511-ADJ NSC-LP38511-ADJ Datasheet
403Kb / 14P
   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511-ADJ TI-LP38511-ADJ Datasheet
1Mb / 21P
[Old version datasheet]   LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results

Similar Description - LP38511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38511 NSC-LP38511_09 Datasheet
367Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI-LP38511_15 Datasheet
1Mb / 20P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512 TI-LP38512_15 Datasheet
1Mb / 21P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-18 TI1-LP38512-18_14 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38512 NSC-LP38512_09 Datasheet
366Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512 TI1-LP38512 Datasheet
359Kb / 16P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com