Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR-XXX-LS-W Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # DTR-XXX-LS-W
Description  Multimode Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-XXX-LS-W Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  DTR-XXX-LS-W Datasheet HTML 1Page - OPLINK Communications Inc. DTR-XXX-LS-W Datasheet HTML 2Page - OPLINK Communications Inc. DTR-XXX-LS-W Datasheet HTML 3Page - OPLINK Communications Inc. DTR-XXX-LS-W Datasheet HTML 4Page - OPLINK Communications Inc. DTR-XXX-LS-W Datasheet HTML 5Page - OPLINK Communications Inc. DTR-XXX-LS-W Datasheet HTML 6Page - OPLINK Communications Inc. DTR-XXX-LS-W Datasheet HTML 7Page - OPLINK Communications Inc. DTR-XXX-LS-W Datasheet HTML 8Page - OPLINK Communications Inc. DTR-XXX-LS-W Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
21737-0297, Rev. A
10-17-2003
+
+
1H coil or
ferrite inductor
µ
1H coil or
ferrite inductor
µ
TXD+
TXD -
RXD -
RXD+
0.1
0.1
10
10
0.1
160
160
160
160
100
Capacitor values in F, Resistor values in
µΩ
LV-PECL
50
line
100
LV-PECL
Note: If signal detect is LV-PECL, a termination resistor of 160
to GND is required
TX Disable
SIGNAL DETECT
(see Note below)
VCC
+3.3V
chassis
ground
circuit ground
MOUNTING
POSTS
1
7
5
4
10
9
6
2
3
8
50
line
50
line
50
line
+
VCC
+3.3V
1 H coil or
ferrite inductor
µ
TXDATA+
TXDATA -
RXDATA -
RXDATA+
MOUNTING
POSTS
chassis
ground
circuit ground
0.1
10
0.1
0.1
130
82
82
82
82
130
130
130
Capacitor values in F, Resistor values in
µΩ
50
line
+
1H coil or
ferrite inductor
µ
0.1
10
TX Disable
SIGNAL DETECT
(see Note below)
Note: If signal detect is LV-PECL, a termination resistor of 160
to GND is required
1
7
5
4
10
9
6
2
3
8
50
line
50
line
50
line
DTR-xxx-LC/LS-W
DTR-xxx-LC/LS-W
DTR-xxx-LC-W & DTR-xxx-LS-W
Interface circuit (DC-coupling)
Interface circuit (DC-coupling)


Similar Part No. - DTR-XXX-LS-W

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-MM OPLINK-DTR-1250-MM Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-AC OPLINK-DTR-1250-MM-AC Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-AE OPLINK-DTR-1250-MM-AE Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-ES OPLINK-DTR-1250-MM-ES Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-FA OPLINK-DTR-1250-MM-FA Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
More results

Similar Description - DTR-XXX-LS-W

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPNFEMM OPLINK-TRPNFEMM Datasheet
532Kb / 5P
   Multimode Transceivers
TRP3FE0L1C00000 OPLINK-TRP3FE0L1C00000 Datasheet
532Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
TRXNFEMM OPLINK-TRXNFEMM Datasheet
535Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
TRXNFEMM4BSS OPLINK-TRXNFEMM4BSS Datasheet
118Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961LZ AVAGO-HFBR-5961LZ Datasheet
215Kb / 14P
   Multimode Small Form Factor (SFF) Transceivers
logo
OPLINK Communications I...
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRPUG1ESXC000E2G OPLINK-TRPUG1ESXC000E2G Datasheet
362Kb / 5P
   Gigabit Ethernet 850nm Multimode SFP Transceivers With Digital Diagnostics
logo
Agilent(Hewlett-Packard...
HFBR-5905 HP-HFBR-5905 Datasheet
282Kb / 14P
   ATM Multimode Fiber Transceivers in 2 x 5 Package Style
logo
OPLINK Communications I...
TRPA12MM OPLINK-TRPA12MM Datasheet
495Kb / 5P
   OC-12/STM-4 SFP Multimode Transceivers with Digital Diagnostics
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5905Z AVAGO-AFBR-5905Z Datasheet
338Kb / 13P
   ATM Multimode Fiber Transceivers in 2 x 5 Package Style
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com