Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFOI025050CE1H2 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # CFOI025050CE1H2
Description  25GHz Compact Fiber Optical Interleaver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

CFOI025050CE1H2 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  CFOI025050CE1H2 Datasheet HTML 1Page - OPLINK Communications Inc. CFOI025050CE1H2 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S0387 - R02. (web) 20130912
Product Description
Features
CFOI025 Series
Min
Typical
Max
Unit
C band
Channel Center Wavelength Range
1529.55
1563.86
nm
Channel Center Frequency Range
191700
196000
GHz
L band
Channel Center Wavelength Range
1569.59
1605.74
nm
Channel Center Frequency Range
186700
191000
GHz
Multiplexed Channel Spacing
25
GHz
De-multiplexed Channel Spacing
50
GHz
Clear Channel Bandwidths (CCB)
- 4.0
4.0
GHz
Insertion Loss within CCB (All SOP)
2.0
dB
TDL within CCB [1]
0.3
dB
IL Ripple within CCB
0.3
dB
PDL within CCB
0.3
dB
Insertion Loss Uniformity within Each Port
(All SOP)
0.3
dB
Adjacent Channel Isolation over CCB [2]
22
dB
Chromatic Dispersion within CCB
- 80
80
ps/nm
Optical Return Loss
40
dB
Directivity
40
dB
DGD within CCB [3]
0.7
ps
Total Optical Power Handling [4]
24
dBm
Operating Temperature
0 to +65
°C
Storage Temperature
-40 to +85
°C
Fiber Type
SMF-28 or Equivalent
Package Dimensions [5]
100.5 (L) x 60.0 (W) x10.3 (H)
mm
Applications
Performance Specificationns
Note:
[1] For any given polarization.
[2] All SOP, Measured over CCB of nearest-neighbor
channels.
[3] By design and DVT.
[4] No epoxy on the optical path.
[5] The mechanical tolerance should be +/-0.2mm on
all package dimensions unless otherwise custom
specified.
* All parameter are without connector if no specified
Green 25GHz Compact Fiber
Optical Interleaver
CFOI025 Series
Oplink’s compact, low-dispersion interleavers greatly expand wavelength
channel counts in DWDM systems. It is the best solution to upgrade exist-
ing 50GHz spacing transport system. Oplink’s DWDM interleavers feature
excellent wide, flat passband and high isolation. Both Mux and Demux func-
tions are supported. These interleavers are athermal and therefore require
no temperature control. Its stable center wavelength accuracy over C or L
band 160 channels is suitable for higher bit rate application.The Green CFOI
is compliant with industry green initiatives such as RoHS and WEEE.
Compact size
Low Dispersion
Completely passive
Ultra-low insertion loss
Highly stable & reliable
Epoxy-free optical path
Environmental green plan compliance
Metro and Long Haul DWDM system
Network capacity expansion
Signal comb filtering


Similar Part No. - CFOI025050CE1H2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CFOI025-S0387 OPLINK-CFOI025-S0387 Datasheet
192Kb / 2P
   Green 25GHz Compact Fiber Optical Interleaver
More results

Similar Description - CFOI025050CE1H2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CFOI025-S0387 OPLINK-CFOI025-S0387 Datasheet
192Kb / 2P
   Green 25GHz Compact Fiber Optical Interleaver
CFOI050100CE111 OPLINK-CFOI050100CE111 Datasheet
238Kb / 2P
   50GHz Compact Fiber Optical Interleaver
CFOI100 OPLINK-CFOI100 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100-S0005 OPLINK-CFOI100-S0005 Datasheet
218Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI050 OPLINK-CFOI050 Datasheet
347Kb / 2P
   50GHz Compact Fiber Optical Interleaver
CFOI050-S0004 OPLINK-CFOI050-S0004 Datasheet
347Kb / 2P
   Green 50GHz Compact Fiber Optical Interleaver
CFOI100 OPLINK-CFOI100 Datasheet
200Kb / 2P
   Optical Interleaver
logo
Finisar Corporation.
FINF050-100CLA1 FINISAR-FINF050-100CLA1 Datasheet
164Kb / 2P
   50GHz Interleaver
logo
Roithner LaserTechnik G...
FCC-6512-5 ROITHNER-FCC-6512-5 Datasheet
99Kb / 2P
   Optical Fiber Checker
logo
OPLINK Communications I...
DURA-S0317 OPLINK-DURA-S0317 Datasheet
176Kb / 2P
   Optical Fiber Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com