Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR-1250-SM-GB-H8-HS Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # DTR-1250-SM-GB-H8-HS
Description  5V Very Long Haul GBIC Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-SM-GB-H8-HS Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  DTR-1250-SM-GB-H8-HS Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-HS Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-HS Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-HS Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-HS Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
21737-0389, Rev. A
01/09/2004
DTR-1250-SM-GB-HS
Package Outline
12.7
.500
8.18
.322
8.9
.35
10.06-0.20
+0.04
.396 -.008
+.002
12
.472
58 MAX
2.28 MAX
13.54 MAX
.533 MAX
3.05 0.05
.120 .002
GUIDE SLOTS WIDTH
27.7
1.09
GUIDE
SLOTS
HEIGHT
1.63 -0.10
0
.064 -.004
+.000
PIN 1
PIN 10
PIN 20
37.1 MAX
1.46 MAX
30.48 -0.13
0
1.200 -.005
+.000
25.4
1.000
2X
1
.04
2X
1.27-0.10
0
.050 -.004
+.000
+
+
Dimensions in inches [mm]
Default tolerances:
.xxx = + .005”, .xx = + .01”
Optical Communication Products, Inc.
6101 Variel Avenue, Woodland Hills, CA 91367, Tel.: 818-251-7100, FAX: 818-251-7111, www.ocp-inc.com
© 2004, Optical Communication Products, Inc.
Optical Communication Products, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Optical Communication
Products, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Optical Communication Products, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Optical Communication Products, Inc.
Ordering Information
Model Name
Nominal Wavelength
Optical Link Power Budget
Distance
1
DTR-1250-SM-GB-H7-HS
1550nm
30dB min.
110km
2
DTR-1250-SM-GB-H8-HS
1550nm
32dB min.
120km
2
1The indicated transmission distance is for guidelines only, not guaranteed. The exact distance is dependent on the fiber loss, connector and
splice loss and allocated system penalty. Longer distances can be supported if the optical link power budget is satisfied.
2Assuming a total connector and splice loss of 2dB, total system penalty of 3dB and fiber loss of 0.22dB/km.


Similar Part No. - DTR-1250-SM-GB-H8-HS

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-H8-HS OPLINK-DTR-1250-SM-GB-H8-HS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR-1250-SM-GB-H8-HS-C490 OPLINK-DTR-1250-SM-GB-H8-HS-C490 Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-H8-HS-C510 OPLINK-DTR-1250-SM-GB-H8-HS-C510 Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-H8-HS-C530 OPLINK-DTR-1250-SM-GB-H8-HS-C530 Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-H8-HS-C550 OPLINK-DTR-1250-SM-GB-H8-HS-C550 Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
More results

Similar Description - DTR-1250-SM-GB-H8-HS

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR1250SMGBHS OPLINK-DTR1250SMGBHS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR1250SMGBH8HSCWDMMR OPLINK-DTR1250SMGBH8HSCWDMMR Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-H7-C470-I OPLINK-DTR-1250-SM-GB-H7-C470-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-CWDM-I OPLINK-DTR-1250-SM-GB-CWDM-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
DTR1250SMGB-I OPLINK-DTR1250SMGB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-I OPLINK-DTR-1250-SM-GB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
TRPAG1VXI OPLINK-TRPAG1VXI Datasheet
457Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPEG1KVXC000E1 OPLINK-TRPEG1KVXC000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXAG1VXIBMS OPLINK-TRXAG1VXIBMS Datasheet
129Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com