Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR-1250-SM-GB-I Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # DTR-1250-SM-GB-I
Description  5V GBIC Long Distance Single Mode Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-SM-GB-I Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  DTR-1250-SM-GB-I Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-SM-GB-I Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-SM-GB-I Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-SM-GB-I Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-SM-GB-I Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
21737-0390, Rev. B
10-16-2003
DTR-1250-SM-GB-I
Package Outline
12.7
.500
8.18
.322
8.9
.35
10.06 -0.20
+0.04
.396 -.008
+.002
12
.472
58 MAX
2.28 MAX
13.54 MAX
.533 MAX
3.05 0.05
.120 .002
GUIDE SLOTS WIDTH
27.7
1.09
GUIDE
SLOTS
HEIGHT
1.63 -0.10
0
.064 -.004
+.000
PIN 1
PIN 10
PIN 20
37.1 MAX
1.46 MAX
30.48 -0.13
0
1.200 -.005
+.000
25.4
1.000
2X
1
.04
2X
1.27-0.10
0
.050 -.004
+.000
+
+
Dimensions in inches [mm]
Default tolerances:
.xxx = + .005”, .xx = + .01”
Optical Communication Products, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Optical Communication
Products, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Optical Communication Products, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Optical Communication Products, Inc.
Optical Communication Products, Inc.
6101 Variel Avenue, Woodland Hills, CA 91367, Tel.: 818-251-7100, FAX: 818-251-7111, www.ocp-inc.com
© 2003, Optical Communication Products, Inc.
Ordering Information
Model Name
Nominal Wavelength
Optical Link Power Budget
Distance1
DTR-1250-SM-GB-H3-I
1310nm
19dB min.
42km2
DTR-1250-SM-GB-H5-I
1550nm
21dB min.
68km3
DTR-1250-SM-GB-H7-I
1550nm
22dB min.
72km3
DTR-1250-SM-GB-H8-I
1550nm
24dB min.
80km3
1The indicated transmission distance is for guidelines only, not guaranteed. The exact distance is dependent on the fiber loss, connector and
splice loss, and allocated system penalty. Longer distances can be supported if the optical link power budget is satisfied.
2Assuming a total connector and splice loss of 2dB, total system penalty of 2dB and fiber cable loss of 0.35dB/km.
3Assuming a total connector and splice loss of 2dB, total system penalty of 2dB and fiber cable loss of 0.25dB/km.


Similar Part No. - DTR-1250-SM-GB-I

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-CWDM-I OPLINK-DTR-1250-SM-GB-CWDM-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-H3-I OPLINK-DTR-1250-SM-GB-H3-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-H5-I OPLINK-DTR-1250-SM-GB-H5-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-H7-C470-I OPLINK-DTR-1250-SM-GB-H7-C470-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-H7-C470-I OPLINK-DTR-1250-SM-GB-H7-C470-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
More results

Similar Description - DTR-1250-SM-GB-I

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR1250SMGB-I OPLINK-DTR1250SMGB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR1250SMGBHS OPLINK-DTR1250SMGBHS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR-1250-SM-GB-H7-C470-I OPLINK-DTR-1250-SM-GB-H7-C470-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-CWDM-I OPLINK-DTR-1250-SM-GB-CWDM-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-HS OPLINK-DTR-1250-SM-GB-HS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR1250SMGBH8HSCWDMMR OPLINK-DTR1250SMGBH8HSCWDMMR Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Optoway Technology Inc
GBS-7280-CXX0G OPTOWAY-GBS-7280-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-72160-CXX0G OPTOWAY-GBS-72160-CXX0G Datasheet
90Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7250-CXX0G OPTOWAY-GBS-7250-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com