Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR-1250-MM-ST Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # DTR-1250-MM-ST
Description  Gigabit Ethernet 850 nm VCSEL Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-MM-ST Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  DTR-1250-MM-ST Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-MM-ST Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-MM-ST Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-MM-ST Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-MM-ST Datasheet HTML 5Page - OPLINK Communications Inc. DTR-1250-MM-ST Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
21737-0307, Rev. F
03-24-2003
1
9
2
3
7
8
6
5
4
+
+
+5 volt
1 H coil or
ferrite inductor
µ
1 H coil or
ferrite inductor
µ
TXD+
TXD -
SIGNAL
DETECT
RXD -
RXD+
GND
POSTS
0.1
0.1
10
10
0.1
0.1
0.01
0.01
190
68
510
68
190
270
270
Capacitor values in F, Resistor values in ohm
µ
0.01
0.01
Transmitter Electrical Interface (over Operating Temperature, V
CC = 4.75 to 5.25V)
Receiver Electrical Interface (over Operating Temperature, V
CC = 4.75 to 5.25V)
Electrical Power Supply Characteristics (over Operating Temperature, V
CC = 4.75 to 5.25V)
DATA interface (DC-coupled module): The interface
circuit for the standard DC-coupled module with direct-
coupled PECL interface is shown in Figure 1. The
termination resistors for the transmitter should be close to
the DTR transceiver module. The termination resistors for
the receiver (50 ohms to V
CC - 2 volts or the Thevenin
equivalent resistors shown) should be close to the PHY or
SERDES IC (which receives the DATA outputs from the
receiver).
When interfacing with 3.3 V SERDES IC, AC coupling
can be used as shown in Figure 2. The termination resistors
required by the SERDES are not shown in this figure.
DATA interface (AC-coupled module): For modules with
AC coupling option, both transmitter and receiver interface
has internal bias, termination and AC coupling capacitor.
The transmitter can be connected directly to the driving
SERDES. The receiver can be connected directly to the
external 50 ohm load (termination resistor of the SERDES).
SIGNAL DETECT: The Signal Detect circuit monitors
the level of the incoming optical signal and generates a logic
LOW signal when insufficient photocurrent is produced.
The SIGNAL DETECT output is PECL level requiring
termination (510 ohms to GND is recommended).
Power supply and grounding: The power supply line
should be well-filtered. All 0.1
µF power supply bypass
capacitors should be as close to the DTR transceiver module
as possible. The two front GND posts should be grounded
to Circuit Ground or Chassis Ground.
DTR-1250-MM
Application Notes
DTR-1250-MM
1
9
2
3
7
8
6
5
4
+
+
+5 volt
1 H coil or
ferrite inductor
µ
1 H coil or
ferrite inductor
µ
TXD+
TXD -
SIGNAL
DETECT
RXD -
RXD+
GND
POSTS
0.1
0.1
10
10
0.1
0.1
130
82
510
82
82
82
130
130
130
Capacitor values in F, Resistor values in ohm
µ
DTR-1250-MM
Fig.2 Interfacing DC-coupled module to 3.3 V SERDES
Fig.1 Interfacing DC-coupled module to direct-PECL signals
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
VCC
4.75
5.0
5.25
V
Supply Current
DC-coupled module
ICC
-140
200
mA
AC-coupled module
ICC
-160
220
mA
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output HIGH Voltage 1
VOH
VCC - 1.035
-
VCC - 0.700
V
Output LOW Voltage 1
VOL
VCC - 1.950
-
VCC - 1.595
V
Output Current
IO
--
25
mA
1 For AC-coupled modules, the output voltage swing into 50-ohm load is 0.3 V minimum and 1 V maximum.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input HIGH Voltage 1
VIH
VCC - 1.165
-
VCC - 0.700
V
Input LOW Voltage 1
VIL
VCC - 1.890
-
VCC - 1.475
V
Data Input Current - HIGH
IH
--
350
µA
Data Input Current - LOW
IL
--
250
µA
1 For AC-coupled modules, the input voltage swing is 0.3 V minimum and 1.2 V maximum.


Similar Part No. - DTR-1250-MM-ST

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-FC-YN OPLINK-DTR-1250-SM-FC-YN Datasheet
281Kb / 9P
   Single Mode Transceivers
DTR-1250-SM-GB-CWDM-I OPLINK-DTR-1250-SM-GB-CWDM-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-H3-I OPLINK-DTR-1250-SM-GB-H3-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-H3-I OPLINK-DTR-1250-SM-GB-H3-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-H5-I OPLINK-DTR-1250-SM-GB-H5-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
More results

Similar Description - DTR-1250-MM-ST

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-53D5Z AVAGO-AFBR-53D5Z_15 Datasheet
132Kb / 15P
   850 nm VCSEL Fibre Optic Transceivers for Gigabit Ethernet
AFBR-53D5Z AVAGO-AFBR-53D5Z_15 Datasheet
132Kb / 15P
   850 nm VCSEL, 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
AFBR-53D5Z AVAGO-AFBR-53D5Z Datasheet
132Kb / 15P
   850 nm VCSEL, 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
HFBR-5912EZ AVAGO-HFBR-5912EZ_15 Datasheet
265Kb / 13P
   850 nm VCSEL Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
HFBR-5912EZ AVAGO-HFBR-5912EZ Datasheet
219Kb / 13P
   850 nm VCSEL Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
logo
Unity Opto Technology
MCE-8V4C-302 UOT-MCE-8V4C-302 Datasheet
81Kb / 2P
   850 nm VCSEL
MCE-8V4C-301 UOT-MCE-8V4C-301 Datasheet
81Kb / 2P
   850 nm VCSEL
MCE-8V4C-312 UOT-MCE-8V4C-312 Datasheet
81Kb / 2P
   850 nm VCSEL
logo
JDS Uniphase Corporatio...
PL-SXX-00-S20-CX JDSU-PL-SXX-00-S20-CX Datasheet
209Kb / 5P
   850 nm 2.5 G VCSEL TOSA
PL-VD0-00-S20-C0 JDSU-PL-VD0-00-S20-C0 Datasheet
169Kb / 3P
   850 nm 2.5 G VCSEL Die
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com