Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5019 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5019
Description  100 V, 100 mA Constant On-Time Synchronous Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5019 Datasheet(HTML) 4 Page - Texas Instruments

  LM5019_14 Datasheet HTML 1Page - Texas Instruments LM5019_14 Datasheet HTML 2Page - Texas Instruments LM5019_14 Datasheet HTML 3Page - Texas Instruments LM5019_14 Datasheet HTML 4Page - Texas Instruments LM5019_14 Datasheet HTML 5Page - Texas Instruments LM5019_14 Datasheet HTML 6Page - Texas Instruments LM5019_14 Datasheet HTML 7Page - Texas Instruments LM5019_14 Datasheet HTML 8Page - Texas Instruments LM5019_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM5019
SNVS788E – JANUARY 2012 – REVISED DECEMBER 2013
www.ti.com
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48 V, unless otherwise stated
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC Supply
VCC Reg
VCC Regulator Output
VIN = 48 V, ICC = 20 mA
6.25
7.6
8.55
V
VCC Current Limit
VIN = 48 V
(2)
26
mA
VCC Undervoltage Lockout Voltage
4.15
4.5
4.9
V
(VCC Increasing)
VCC Undervoltage Hysteresis
300
mV
VCC Drop Out Voltage
VIN = 9 V, ICC = 20 mA
2.3
V
IIN Operating Current
Non-Switching, FB = 3 V
1.75
mA
IIN Shutdown Current
UVLO = 0 V
50
225
µA
Switch Characteristics
ITEST = 200 mA, BST-SW = 7
Buck Switch RDS(ON)
0.8
1.8
V
Synchronous RDS(ON)
ITEST = 200 mA
0.45
1
Gate Drive UVLO
VBST − VSW Rising
2.4
3
3.6
V
Gate Drive UVLO Hysteresis
260
mV
Current Limit
Current Limit Threshold
150
240
300
mA
Current Limit Response Time
Time to Switch Off
150
ns
Off-Time Generator (Test 1)
FB = 0.1 V, VIN = 48 V
12
µs
Off-Time Generator (Test 2)
FB = 1 V, VIN = 48 V
2.5
µs
On-Time Generator
TON Test 1
VIN = 32 V, RON = 100 k
270
350
460
ns
TON Test 2
VIN = 48 V, RON = 100 k
188
250
336
ns
TON Test 3
VIN = 75 V, RON = 250 k
250
370
500
ns
TON Test 4
VIN = 10 V, RON = 250 k
1880
3200
4425
ns
Minimum Off-Time
Minimum Off-Timer
FB = 0 V
144
ns
Regulation and Overvoltage Comparators
Internal Reference Trip Point
FB Regulation Level
1.2
1.225
1.25
V
for Switch ON
FB Overvoltage Threshold
Trip Point for Switch OFF
1.62
V
FB Bias Current
60
nA
Undervoltage Sensing Function
UV Threshold
UV Rising
1.19
1.225
1.26
V
UV Hysteresis Input Current
UV = 2.5 V
-10
-20
-29
µA
Remote Shutdown Threshold
Voltage at UVLO Falling
0.32
0.66
V
Remote Shutdown Hysteresis
110
mV
Thermal Shutdown
Tsd
Thermal Shutdown Temp.
165
°C
Thermal Shutdown Hysteresis
20
°C
Thermal Resistance
SO Power PAD-8
40
°C/W
θJA
Junction to Ambient
WSON-8
40
°C/W
(1)
All limits are verified by design. All electrical characteristics having room temperature limits are tested during production at TA = 25°C. All
hot and cold limits are verified by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM5019


Similar Part No. - LM5019_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
More results

Similar Description - LM5019_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 300 mA Constant On-Time Synchronous Buck Regulator
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5009A TI-LM5009A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 150-mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com