Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5008A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5008A
Description  350 mA Constant On-Time Buck Switching Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5008A Datasheet(HTML) 2 Page - Texas Instruments

  LM5008A Datasheet HTML 1Page - Texas Instruments LM5008A Datasheet HTML 2Page - Texas Instruments LM5008A Datasheet HTML 3Page - Texas Instruments LM5008A Datasheet HTML 4Page - Texas Instruments LM5008A Datasheet HTML 5Page - Texas Instruments LM5008A Datasheet HTML 6Page - Texas Instruments LM5008A Datasheet HTML 7Page - Texas Instruments LM5008A Datasheet HTML 8Page - Texas Instruments LM5008A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
1
2
3
4
5
8
7
6
FB
VIN
VCC
RT/SD
SW
BST
RCL
RTN
8
7
6
5
4
3
2
1
FB
VIN
Exposed Pad on Bottom
Connect to Ground
VCC
RT/SD
SW
BST
RCL
RTN
LM5008A
SNVS583E – MARCH 2009 – REVISED APRIL 2011
www.ti.com
Connection Diagram
Figure 1. Top View
8-Lead LLP
Figure 2. Top View
8-Lead MSOP
Pin Functions
Pin Descriptions
Pin
Name
Description
Application Information
1
SW
Switching Node
Power switching node. Connect to the output inductor, re-circulating diode, and
bootstrap capacitor.
2
BST
Boost Pin (Boot–strap capacitor
An external capacitor is required between the BST and the SW pins. A 0.01 µF
input)
ceramic capacitor is recommended. An internal diode charges the capacitor
from VCC during each off-time.
3
RCL
Current Limit OFF time set pin
A resistor between this pin and RTN sets the off-time when current limit is
detected. The off-time is preset to 35 µs if FB = 0V.
4
RTN
Ground pin
Ground for the entire circuit.
5
FB
Feedback input from Regulated
This pin is connected to the inverting input of the internal regulation comparator.
Output
The regulation threshold is 2.5V.
6
RT/SD
On time set pin
A resistor between this pin and VIN sets the switch on time as a function of VIN.
The minimum recommended on time is 400 ns at the maximum input voltage.
This pin can be used for remote shutdown.
7
VCC
Output from the internal high voltage
This regulated voltage provides gate drive power for the internal Buck switch.
series pass regulator.
An internal diode is provided between this pin and the BST pin. A local 0.47 µF
decoupling capacitor is required. The series pass regulator is current limited to 9
mA.
8
VIN
Input voltage
Input operating range: 6V to 95V.
EP
Exposed Pad
The exposed pad has no electrical contact. Connect to system ground plane for
reduced thermal resistance.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM5008A


Similar Part No. - LM5008A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
   100V, 350 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5008AMM NSC-LM5008AMM Datasheet
402Kb / 16P
   100V, 350 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008AMM/NOPB TI-LM5008AMM/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5008AMMX NSC-LM5008AMMX Datasheet
402Kb / 16P
   100V, 350 mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM5008A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
   100V, 350 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
SM74301 TI1-SM74301 Datasheet
329Kb / 16P
[Old version datasheet]   SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
   100V, 150 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5009A TI1-LM5009A_14 Datasheet
1Mb / 22P
[Old version datasheet]   100V, 150 mA Constant On-Time Buck Switching Regulator
SM72485 TI-SM72485_15 Datasheet
1Mb / 23P
[Old version datasheet]   100V, 150 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
SM72485 NSC-SM72485 Datasheet
448Kb / 16P
   SolarMagic 100V, 150 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com