Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3495 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3495
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3495 Datasheet(HTML) 4 Page - Texas Instruments

  LM3495 Datasheet HTML 1Page - Texas Instruments LM3495 Datasheet HTML 2Page - Texas Instruments LM3495 Datasheet HTML 3Page - Texas Instruments LM3495 Datasheet HTML 4Page - Texas Instruments LM3495 Datasheet HTML 5Page - Texas Instruments LM3495 Datasheet HTML 6Page - Texas Instruments LM3495 Datasheet HTML 7Page - Texas Instruments LM3495 Datasheet HTML 8Page - Texas Instruments LM3495 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
LM3495
SNVS410E – FEBRUARY 2006 – REVISED NOVEMBER 2007
www.ti.com
Electrical Characteristics
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise indicated, VIN = 12V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note
4)
SYSTEM PARAMETERS
-20°C to 85°C
0.594
0.6
0.606
VFB
FB Pin Voltage
V
-40°C to 125°C
0.591
0.6
0.609
Line Regulation
2.9V < VIN < 18V, COMP/SD = 1.5V
0.1
%
ΔVFB/VFB
Load Regulation
1.1V < COMP/SD <1.8V
0.1
%
VIN Rising
2.55
2.6
2.7
VON
UVLO Thresholds
V
VIN Falling
2.26
2.3
2.45
COMP/SD > 0.3V
Operating VIN Current
1.8
mA
Not switching
IQ
COMP/SD < 0.3V
Quiescent Current
33
µA
Shutdown, VIN = 18V
IILIM
ILIM Pin Source Current
18
20
22
µA
VILIM-MAX
Maximum Current Limit Sense Voltage
200
mV
ISD
COMP/SD Pin Pull-up current
COMP/SD = 0V
2
2.6
µA
VHICCUP
COMP/SD Pin Hiccup Threshold
2
V
tDELAY
Hiccup Delay
16
Cycles
tCOOL
Cool Down Time Until Restart
4096
Cycles
tSS
Internal Soft start Time
400
Cycles
VOVP
Over Voltage Protection Threshold
As a % of nominal output voltage
116
125
132
%
IFPWM
FPWM Pin Pull-up Current
FPWM = 0V
4.5
µA
VFPWM-LO
FPWM Operation Threshold
FPWM Voltage Falling
0.9
V
SNS = 1.5V
RSNS
SNS Pin Input Resistance
30
k
COMP/SD > 0.3V
SNS = 1.5V
RDIS
SNS Pin Discharge FET RDSON
350
440
530
COMP/SD = 0V
GATE DRIVE
IBOOST
BOOST Pin Leakage Current
BOOST - SW = 5.5V
25
nA
High-Side FET Driver Pull-up ON
RDS1
BOOST - SW = 4.5V
4.5
resistance
High-Side FET Driver Pull-down ON
RDS2
BOOST - SW = 4.5V
0.9
resistance
Low-Side FET Driver Pull-up ON
RDS3
VLIN5 = 5.5V
1.4
resistance
Low-Side FET Driver Pull-down ON
RDS4
VLIN5 = 5.5V
0.7
resistance
OSCILLATOR
RADJ = 150 kΩ
200
fSW
PWM Frequency
RADJ = 54.9 kΩ
450
500
550
kHz
RADJ = 17.8 kΩ
1500
VSYNC-HI
Threshold for SYNC on FREQ Pin
SYNC Voltage Rising
1.2
V
VSYNC-LO
Threshold for SYNC on FREQ Pin
SYNC Voltage Falling
0.3
V
VO = 1.5V
tON-SKIP
On Time During Skip Mode
125
ns
fSW = 500 kHz
VO = 1.5V
tON-MAX
Adaptive Maximum On-time Limit
750
ns
fSW = 500 kHz
tOFF-MIN
Minimum Off-time
300
ns
4
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Links: LM3495


Similar Part No. - LM3495

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3495 NSC-LM3495 Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Texas Instruments
LM3495 TI-LM3495 Datasheet
1Mb / 36P
[Old version datasheet]   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
National Semiconductor ...
LM3495MTC NSC-LM3495MTC Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Texas Instruments
LM3495MTC/NOPB TI-LM3495MTC/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
National Semiconductor ...
LM3495MTCX NSC-LM3495MTCX Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
More results

Similar Description - LM3495

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3495 NSC-LM3495 Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Texas Instruments
LM3495 TI-LM3495_15 Datasheet
1Mb / 36P
[Old version datasheet]   Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3000 TI1-LM3000 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Synchronous Emulated Current-Mode Controller
logo
National Semiconductor ...
LM3000 NSC-LM3000 Datasheet
815Kb / 26P
   Dual Synchronous Emulated Current-Mode Controller
logo
Texas Instruments
LM3000 TI1-LM3000_14 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Synchronous Emulated Current-Mode Controller
logo
Renesas Technology Corp
R2J20701NP RENESAS-R2J20701NP Datasheet
223Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOSFETs
logo
Texas Instruments
LM5116 TI-LM5116 Datasheet
1Mb / 37P
[Old version datasheet]   Emulated Peak Current Mode, Wide Operating Range Up to 100V
logo
Renesas Technology Corp
R2J20702NP RENESAS-R2J20702NP Datasheet
190Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
R2J20701NP RENESAS-R2J20701NP_08 Datasheet
226Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
R2J20751NP RENESAS-R2J20751NP Datasheet
197Kb / 26P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com