Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2858 Datasheet(PDF) 4 Page - NEC

Part No. 2SK2858
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2858 Datasheet(HTML) 4 Page - NEC

  2SK2858 Datasheet HTML 1Page - NEC 2SK2858 Datasheet HTML 2Page - NEC 2SK2858 Datasheet HTML 3Page - NEC 2SK2858 Datasheet HTML 4Page - NEC 2SK2858 Datasheet HTML 5Page - NEC 2SK2858 Datasheet HTML 6Page - NEC 2SK2858 Datasheet HTML 7Page - NEC 2SK2858 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D11706EJ2V0DS00
4
2SK2858
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
1
0.1
0.01
0.001
0.0001
ID - Drain Current - A
0
2
8
4
6
10
VGS = 10 V
TA = 125˚C
75˚C
25˚C
−25˚C
0
10
20
30
48
12
16
20
VGS - Gate to Source Voltage - V
ID = 1 mA
10 mA
100 mA
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
1
10
0.01
0.1
100
10
100
1
0.1
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
Ciss
Coss
Crss
f = 1 MHz
VGS = 0 V
0.1
1
10
ID - Drain Current - A
1000
SWITCHING CHARACTERISTICS
VDD = 3 V
VGS(on) = 4V
RG = 10
100
10
td(off)
td(on)
tf
tr
0.0001
0.001
0.01
1
0.1
0.6
0.4
0.8
1.0
1.2
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
VF(S-D) - Source to Drain Voltage - V
5
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn