Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2858 Datasheet(PDF) 3 Page - NEC

Part No. 2SK2858
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2858 Datasheet(HTML) 3 Page - NEC

  2SK2858 Datasheet HTML 1Page - NEC 2SK2858 Datasheet HTML 2Page - NEC 2SK2858 Datasheet HTML 3Page - NEC 2SK2858 Datasheet HTML 4Page - NEC 2SK2858 Datasheet HTML 5Page - NEC 2SK2858 Datasheet HTML 6Page - NEC 2SK2858 Datasheet HTML 7Page - NEC 2SK2858 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D11706EJ2V0DS00
3
2SK2858
TYPICAL CHARACTERISTICS (TA = 25 °C)
30
150
60
90
20
0
60
80
40
100
120
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
2
810
4
6
200
100
0
400
300
2.5 V
3 V
3.5 V
VGS = 4 V
1.0
2.0
3.0
1
0.1
0.01
0.001
0.0001
0.00001
0.000001
4.0
5.0
VGS - Gate to Sorce Voltage - V
TA = 125˚C
75˚C
25˚C
−25˚C
VDS = 3 V
TRANSFER CHARACTERISTICS
1
1
10
100
1000
0.01
0.1
0.001
0.0001
VDS = 3 V
ID - Drain Current - A
TA =
−25˚C
25˚C
75˚C
125˚C
FORWARD TRANSFER ADMMITTANCE Vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
0.0001
0.001
0.1
0.01
ID - Drain Current - A
10
15
10
20
5
VGS = 2.5 V
TA = 125˚C
25˚C
75˚C
−25˚C
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
0.01
0.001
0.0001
0.1
1
ID - Drain Current - A
0
5
10
15
VGS = 4 V
TA = 125˚C
75˚C
25˚C
−25˚C
5
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn