Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QS3245QG Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. QS3245QG
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS3245QG Datasheet(HTML) 1 Page - Integrated Device Technology

  QS3245QG Datasheet HTML 1Page - Integrated Device Technology QS3245QG Datasheet HTML 2Page - Integrated Device Technology QS3245QG Datasheet HTML 3Page - Integrated Device Technology QS3245QG Datasheet HTML 4Page - Integrated Device Technology QS3245QG Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
IDTQS3245
HIGH-SPEEDCMOSQUICKSWITCH8-BITBUSSWITCH
INDUSTRIALTEMPERATURERANGE
FEBRUARY 2011
2011 Integrated Device Technology, Inc.
DSC-5753/5
c
IDTQS3245
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH® PRODUCTS
HIGH-SPEED CMOS
QUICKSWITCH
8-BIT BUS SWITCH
FUNCTIONAL BLOCK DIAGRAM
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
•5Ω
Ω
Ω
Ω
Ω bidirectional switches connect inputs to outputs
• Pin compatible with the 74F245, 74FCT245, and 74FCT245T
• Low power CMOS proprietary technology
• Zero propagation delay, zero ground bounce
• Undershoot clamp diodes on all switch and control inputs
• TTL-compatible control inputs
• Available in SOIC and QSOP packages
APPLICATIONS:
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)
• Power conservation
• Capacitance reduction and isolation
• Logic replacement (data processing)
• Clock gating
• Bus switching and isolation
DESCRIPTION:
The QS3245 provides a set of eight high-speed CMOS TTL-compatible
bus switches in a pinout compatible with 74FCT245, 74F245, 74ALS/AS/
LS245 8-bit transceivers. The low ON resistance of the QS3245 allows
inputs to be connected to outputs without adding propagation delay and
without generating additional ground bounce noise. The Output Enable
(OE) signal turns the switches on similar to the OE signal of the 74’245.
QuickSwitch devices provide an order of magnitude faster speed than
conventional logic devices.
The QS3245 is characterized for operation at -40°C to +85°C.
B0
OE
A0
B1
A1
B2
A2
B3
A3
B4
A4
B5
A5
B6
A6
B7
A7


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn