Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QS3245QG Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. QS3245QG
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS3245QG Datasheet(HTML) 5 Page - Integrated Device Technology

  QS3245QG Datasheet HTML 1Page - Integrated Device Technology QS3245QG Datasheet HTML 2Page - Integrated Device Technology QS3245QG Datasheet HTML 3Page - Integrated Device Technology QS3245QG Datasheet HTML 4Page - Integrated Device Technology QS3245QG Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
IDTQS3245
HIGH-SPEEDCMOSQUICKSWITCH8-BITBUSSWITCH
INDUSTRIALTEMPERATURERANGE
ORDERING INFORMATION
QS
XXXXX
XX
Package
Device Type
Blank
Industrial (-40°C to +85°C)
Small Outline IC - Green
Quarter Size Outline Package - Green
SOG
QG
3245
High Speed CMOS Quickswitch 8-Bit Bus Switch
X
Process
X
Blank
8
Tube or Tray
Tape and Reel
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
Datasheet Document History
02/14/2011
Pg. 5
Updated the ordering information by removing the "IDT" notation, non RoHS part and by adding
Tape and Reel information.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn