Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QS3245QG Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. QS3245QG
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS3245QG Datasheet(HTML) 4 Page - Integrated Device Technology

  QS3245QG Datasheet HTML 1Page - Integrated Device Technology QS3245QG Datasheet HTML 2Page - Integrated Device Technology QS3245QG Datasheet HTML 3Page - Integrated Device Technology QS3245QG Datasheet HTML 4Page - Integrated Device Technology QS3245QG Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDTQS3245
HIGH-SPEEDCMOSQUICKSWITCH8-BITBUSSWITCH
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Max.
Unit
ICCQ
Quiescent Power Supply Current
VCC = Max., VIN = GND or Vcc, f = 0
3
μA
ΔICC
Power Supply Current per Control Input HIGH (2)
VCC = Max., VIN = 3.4V, f = 0
1.5
mA
ICCD
Dynamic Power Supply Current per MHz(3)
VCC = Max., A and B pins open
0.25
mA/MHz
Control Inputs Toggling at 50% Duty Cycle
NOTES:
1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics.
2. Per TLL driven input (VIN = 3.4V, control inputs only). A and B pins do not contribute to
ΔIcc.
3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A and B inputs generate no significant
AC or DC currents as they transition. This parameter is guaranteed but not production tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40°C to +85°C, VCC = 5.0V ± 5%;
CLOAD = 50pF, RLOAD = 500
Ω unless otherwise noted.
Symbol
Parameter
Min.(1)
Typ.
Max.
Unit
tPLH
DataPropagationDelay(2,3)
0.25
ns
tPHL
An to/from Bn
tPZL
SwitchTurn-onDelay
0.5
5.6
ns
tPZH
OE to Ax/Bx
tPLZ
SwitchTurn-offDelay (2)
0.5
4.5
ns
tPHZ
OE to Ax/Bx
NOTES:
1.
Minimums are guaranteed but not production tested.
2.
This parameter is guaranteed but not production tested.
3.
The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone
is of the order of 0.25ns for CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to
the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load
on the driven side.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn