Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QS3245QG Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. QS3245QG
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS3245QG Datasheet(HTML) 2 Page - Integrated Device Technology

  QS3245QG Datasheet HTML 1Page - Integrated Device Technology QS3245QG Datasheet HTML 2Page - Integrated Device Technology QS3245QG Datasheet HTML 3Page - Integrated Device Technology QS3245QG Datasheet HTML 4Page - Integrated Device Technology QS3245QG Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDTQS3245
HIGH-SPEEDCMOSQUICKSWITCH8-BITBUSSWITCH
PIN CONFIGURATION
SOIC/ QSOP
TOP VIEW
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
FUNCTION TABLE(1)
OE
Outputs
H
Disconnected
L
Ax = Bx
PIN DESCRIPTION
Pin Names
Description
OE
OutputEnable
A x
Data I/Os
B x
Data I/Os
Symbol
Description
Max
Unit
VTERM(2) Supply Voltage to Ground
–0.5 to +7
V
VTERM(3) DC Switch Voltage Vs
–0.5 to +7
V
VTERM(3) DC Input Voltage VIN
–0.5 to +7
V
VAC
AC Input Voltage (pulse width
≤ 20ns)
–3
V
IOUT
DC Output Current
120
mA
PMAX
Maximum Power Dissipation (TA = 85°C)
0.5
W
TSTG
Storage Temperature
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Vcc terminals.
3. All terminals except Vcc.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
A0
GND
VCC
OE
A1
A2
A3
A4
A5
A6
A7
B0
B1
B2
B3
B4
B5
B6
B7
CAPACITANCE
(TA = +25°C, f = 1.0MHZ, VIN = 0V, VOUT = 0V)
NOTE:
1. This parameter is measured at characterization but not tested.
Pins
Typ.
Max.(1)
Unit
Control Pins
3
5
pF
Quickswitch Channels (Switch OFF)
5
7
pF


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn