Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-270C Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-270C
Description  High Performance Schottky Diode for Transient Suppression
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-270C Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-270C Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Typical Performance
Figure 2. Forward Current vs. Forward Voltage at
Temperature for HSMS-270B and HSMS-270C.
0
0.1
0.3
0.2
0.5
0.4
0.6
VF – FORWARD VOLTAGE (V)
Figure 1. Forward Current vs. Forward Voltage at
Temperature for HSMS-2700 and HSMS-2702.
0.01
10
100
1
0.1
300
T
A = +75 C
T
A = +25 C
T
A = –25 C
Figure 3. Junction Temperature vs. Forward Current
as a Function of Heat Sink Temperature for the
HSMS-2700 and HSMS-2702.
Note: Data is calculated from SPICE parameters.
Figure 5. Total Capacitance vs. Reverse Voltage.
05
10
20
VF – REVERSE VOLTAGE (V)
15
1
3
2
7
4
6
5
T
A = +75 C
T
A = +25 C
T
A = –25 C
050
150
100
300
250
200
350
IF – FORWARD CURRENT (mA)
0
140
120
100
80
60
40
20
160 Max. safe junction temp.
Figure 4. Junction Temperature vs. Current as a
Function of Heat Sink Temperature for HSMS-270B
and HSMS-270C.
Note: Data is calculated from SPICE parameters.
T
A = +75 C
T
A = +25 C
T
A = –25 C
0
150
450
300
600
750
IF – FORWARD CURRENT (mA)
0
140
120
100
80
60
40
20
160 Max. safe junction temp.
0
0.1
0.3
0.2
0.5
0.4
0.8
0.7
0.6
VF – FORWARD VOLTAGE (V)
0.01
10
100
1
0.1
500
T
A = +75 C
T
A = +25 C
T
A = –25 C


Similar Part No. - HSMS-270C

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-270C HP-HSMS-270C Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-270C AVAGO-HSMS-270C Datasheet
150Kb / 9P
   High Performance Schottky Diode
logo
Agilent(Hewlett-Packard...
HSMS-270C-BLK HP-HSMS-270C-BLK Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-270C-TR1 HP-HSMS-270C-TR1 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-270C-TR2 HP-HSMS-270C-TR2 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
More results

Similar Description - HSMS-270C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HBAT-5400 AVAGO-HBAT-5400 Datasheet
199Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
WALSIN TECHNOLOGY CORPO...
SR241K10DS20CNEEN WALSIN-SR241K10DS20CNEEN Datasheet
1Mb / 24P
   High performance transient voltage suppression
logo
Jinan Jing Heng Electro...
ESD5C5V01V-13P JINGHENG-ESD5C5V01V-13P Datasheet
312Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01L JINGHENG-ESD3C12V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
ESD5A12V01V JINGHENG-ESD5A12V01V Datasheet
462Kb / 4P
   Transient Voltage Suppression Diode
ESD5A24V01V35 JINGHENG-ESD5A24V01V35 Datasheet
359Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01V JINGHENG-ESD3C12V01V Datasheet
486Kb / 4P
   Transient Voltage Suppression Diode
ESD3C3V01L JINGHENG-ESD3C3V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com