Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

444347 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 444347
Description  Schneidklemmterminal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

444347 Datasheet(HTML) 1 Page - ERNI Electronics

  444347 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
330
Verpackt in Gurtverpackung
Tape on Reel Packaging
Verpackungseinheit: 5000 Stück
Packaging unit: 5000 pcs
1,8
4
* AWG 24/1 D 0,8 ohne Kabelanschlag
* AWG 24/1 D 0,8 without cable stop
prior notice.
contact one of the ERNI companies
Date
22.08.2012
Index
IDC-TERM
IDC-Terminal*
Schneidklemmterminal*
444347
20:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
2
2,4
Leiterplatten-Layout Vorschlag
PCB-Layout proposal
1,7
2
0,35
32°
T e rm in a l v e rra s te t
Te rm in a l p re s s e d
Le ite rp la tt
e
PC B
0,8 ±0,01
1,92


Similar Part No. - 444347

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4443 ETC-4443 Datasheet
137Kb / 1P
   DELAY MODULES,TTL,SURFACE MOUNTED
logo
TE Connectivity Ltd
444305-1 TEC-444305-1 Datasheet
168Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
MolexKits
44432-0401 MOLEXKITS-44432-0401 Datasheet
43Kb / 5P
   Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Sealed Bayonet-Style Plug Receptacle and Cable
logo
Molex Electronics Ltd.
44432-0401 MOLEX6-44432-0401 Datasheet
167Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI Header, Surface Mount Compatible, Dual Row, Vertical, with PCB
44432-0401 MOLEX-44432-0401 Datasheet
175Kb / 2P
   MICRO FIT (3.0) DUAL ROW VERTICAL BMI HEADER ASSY
2016/04/13
More results

Similar Description - 444347

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100102200001 ERNI-100102200001 Datasheet
47Kb / 1P
   Schneidklemmterminal
454303 ERNI-454303 Datasheet
38Kb / 1P
   Schneidklemmterminal
100101090004 ERNI-100101090004 Datasheet
47Kb / 1P
   Schneidklemmterminal
384980 ERNI-384980 Datasheet
48Kb / 1P
   Schneidklemmterminal
454302 ERNI-454302 Datasheet
39Kb / 1P
   Schneidklemmterminal
100203210138 ERNI-100203210138 Datasheet
45Kb / 1P
   Schneidklemmterminal
100103210138 ERNI-100103210138 Datasheet
42Kb / 1P
   schneidklemmterminal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com