Electronic Components Datasheet Search |
|
LM2901VQPWRQ1 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
LM2901VQPWRQ1 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 12 page LM2901-Q1, LM2901AV-Q1, LM2901V-Q1 QUADRUPLE DIFFERENTIAL COMPARATOR SLCS142D − DECEMBER 2003 − REVISED APRIL 2008 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Qualified for Automotive Applications D Single Supply or Dual Supplies D Low Supply-Current Drain Independent of Supply Voltage . . . 0.8 mA Typ D Low Input Bias Current . . . 25 nA Typ D Low Input Offset Current ...2 nA Typ D Low Input Offset Voltage ...2 mV Typ D Common-Mode Input Voltage Range Includes Ground D Differential Input Voltage Range Equal to Maximum-Rated Supply Voltage . . . ±36 V D Low Output Saturation Voltage D Output Compatible With TTL, MOS, and CMOS D For Single Version in SOT23-5, See TL331 description/ordering information This device consists of four independent voltage comparators that are designed to operate from a single power supply over a wide range of voltages. Operation from dual supplies is possible, as long as the difference between the two supplies is 2 V to 36 V, and VCC is at least 1.5 V more positive than the input common-mode voltage. Current drain is independent of the supply voltage. The outputs can be connected to other open-collector outputs to achieve wired-AND relationships. ORDERING INFORMATION{ TA VIOmax AT 25 °C MAX VCC PACKAGE‡ ORDERABLE PART NUMBER TOP-SIDE MARKING 40 °Cto125°C 7mV 30 V SOIC (D) Reel of 2500 LM2901QDRQ1 2901Q1 −40 °C to 125°C 7 mV 30 V TSSOP (PW) Reel of 2000 LM2901QPWRQ1 2901Q1 40 °Cto125°C 7mV 32 V SOIC (D) Reel of 2500 LM2901VQDRQ1 2901VQ1 −40 °C to 125°C 7 mV 32 V TSSOP (PW) Reel of 2000 LM2901VQPWRQ1 2901VQ1 40 °Cto125°C 2mV 32 V SOIC (D) Reel of 2500 LM2901AVQDRQ1 2901AVQ −40 °C to 125°C 2 mV 32 V TSSOP (PW) Reel of 2000 LM2901AVQPWRQ1 2901AVQ † For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at http://www.ti.com. ‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging. symbol (each comparator) OUT IN− IN+ Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright © 2008, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OUT 2OUT VCC 2IN− 2IN+ 1IN− 1IN+ OUT3 OUT4 GND 4IN+ 4IN− 3IN+ 3IN− D OR PW PACKAGE (TOP VIEW) |
Similar Part No. - LM2901VQPWRQ1 |
|
Similar Description - LM2901VQPWRQ1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |