Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3223IA Datasheet(PDF) 11 Page - Intersil Corporation

Part # ICL3223IA
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3223IA Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ICL3223IA Datasheet HTML 7Page - Intersil Corporation ICL3223IA Datasheet HTML 8Page - Intersil Corporation ICL3223IA Datasheet HTML 9Page - Intersil Corporation ICL3223IA Datasheet HTML 10Page - Intersil Corporation ICL3223IA Datasheet HTML 11Page - Intersil Corporation ICL3223IA Datasheet HTML 12Page - Intersil Corporation ICL3223IA Datasheet HTML 13Page - Intersil Corporation ICL3223IA Datasheet HTML 14Page - Intersil Corporation ICL3223IA Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
FN4805.21
March 1, 2006
Software Controlled (Manual) Powerdown
Most devices in the ICL32XX family provide pins that allow
the user to force the IC into the low power, standby state.
On the ICL3222 and ICL3241, the powerdown control is via
a simple shutdown (SHDN) pin. Driving this pin high enables
normal operation, while driving it low forces the IC into its
powerdown state. Connect SHDN to VCC if the powerdown
function isn’t needed. Note that all the receiver outputs
remain enabled during shutdown (See Table 2). For the
lowest power consumption during powerdown, the receivers
should also be disabled by driving the EN input high (See
next section, and Figures 2 and 3).
The ICL3221, ICL3223, and ICL3243 utilize a two pin
approach where the FORCEON and FORCEOFF inputs
determine the IC’s mode. For always enabled operation,
FORCEON and FORCEOFF are both strapped high. To
switch between active and powerdown modes, under logic
or software control, only the FORCEOFF input need be
driven. The FORCEON state isn’t critical, as FORCEOFF
dominates over FORCEON. Nevertheless, if strictly manual
control over powerdown is desired, the user must strap
FORCEON high to disable the automatic powerdown
circuitry. ICL3243 inverting (standard) receiver outputs also
disable when the device is in manual powerdown, thereby
eliminating the possible current path through a shutdown
peripheral’s input protection diode (See Figures 2 and 3).
TABLE 2. POWERDOWN AND ENABLE LOGIC TRUTH TABLE
RS-232
SIGNAL
PRESENT
AT
RECEIVER
INPUT?
FORCEOFF
OR SHDN
INPUT
FORCEON
INPUT
EN
INPUT
TRANSMITTER
OUTPUTS
RECEIVER
OUTPUTS
(NOTE 4)
ROUTB
OUTPUTS
INVALID
OUTPUT
MODE OF OPERATION
ICL3222, ICL3241
N.A.
L
N.A.
L
High-Z
Active
Active
N.A.
Manual Powerdown
N.A.
L
N.A.
H
High-Z
High-Z
Active
N.A.
Manual Powerdown w/Rcvr. Disabled
N.A.
H
N.A.
L
Active
Active
Active
N.A.
Normal Operation
N.A.
H
N.A.
H
Active
High-Z
Active
N.A.
Normal Operation w/Rcvr. Disabled
ICL3221, ICL3223
No
H
H
L
Active
Active
N.A.
L
Normal Operation
(Auto Powerdown Disabled)
No
H
H
H
Active
High-Z
N.A.
L
Yes
H
L
L
Active
Active
N.A.
H
Normal Operation
(Auto Powerdown Enabled)
Yes
H
L
H
Active
High-Z
N.A.
H
No
H
L
L
High-Z
Active
N.A.
L
Powerdown Due to Auto Powerdown
Logic
No
H
L
H
High-Z
High-Z
N.A.
L
Yes
L
X
L
High-Z
Active
N.A.
H
Manual Powerdown
Yes
L
X
H
High-Z
High-Z
N.A.
H
Manual Powerdown w/Rcvr. Disabled
No
L
X
L
High-Z
Active
N.A.
L
Manual Powerdown
No
L
X
H
High-Z
High-Z
N.A.
L
Manual Powerdown w/Rcvr. Disabled
ICL3243
No
H
H
N.A.
Active
Active
Active
L
Normal Operation
(Auto Powerdown Disabled)
Yes
H
L
N.A.
Active
Active
Active
H
Normal Operation
(Auto Powerdown Enabled)
No
H
L
N.A.
High-Z
Active
Active
L
Powerdown Due to Auto Powerdown
Logic
Yes
L
X
N.A.
High-Z
High-Z
Active
H
Manual Powerdown
No
L
X
N.A.
High-Z
High-Z
Active
L
Manual Powerdown
NOTE:
4. Applies only to the ICL3241 and ICL3243.
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243


Similar Part No. - ICL3223IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3223IA INTERSIL-ICL3223IA Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3223IA INTERSIL-ICL3223IA Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3223IA INTERSIL-ICL3223IA Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3223IA INTERSIL-ICL3223IA Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3223IA INTERSIL-ICL3223IA Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3223IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3232IBNZ-T INTERSIL-ICL3232IBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232IV INTERSIL-ICL3232IV Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3241CBZ INTERSIL-ICL3241CBZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221CAZ-T INTERSIL-ICL3221CAZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3221 RENESAS-ICL3221 Datasheet
1Mb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CVZ-T INTERSIL-ICL3232CVZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
   1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com