Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62161 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62161
Description  3V-17V 1A Step-Down Converters with DCS-ControlTM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62161 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62161 Datasheet HTML 7Page - Texas Instruments TPS62161 Datasheet HTML 8Page - Texas Instruments TPS62161 Datasheet HTML 9Page - Texas Instruments TPS62161 Datasheet HTML 10Page - Texas Instruments TPS62161 Datasheet HTML 11Page - Texas Instruments TPS62161 Datasheet HTML 12Page - Texas Instruments TPS62161 Datasheet HTML 13Page - Texas Instruments TPS62161 Datasheet HTML 14Page - Texas Instruments TPS62161 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
TPS62160
TPS62161, TPS62162, TPS62163
www.ti.com
SLVSAM2C – NOVEMBER 2011 – REVISED SEPTEMBER 2013
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
TIME
TIME
Figure 23. PWM to PSM Mode Transition
Figure 24. PSM to PWM Mode Transition
TRANSIENT RESPONSE
TRANSIENT RESPONSE
vs
vs
TIME
TIME
Figure 25. Load Transient Response in PWM mode (500mA
Figure 26. Load Transient Response from Power Save Mode
to 1A)
(100mA to 500mA)
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62160 TPS62161 TPS62162 TPS62163


Similar Part No. - TPS62161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62161 TI1-TPS62161 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62161DSG TI1-TPS62161DSG Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62161DSGR TI1-TPS62161DSGR Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62161DSGT TI1-TPS62161DSGT Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
More results

Similar Description - TPS62161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62150A-Q1 TI-TPS62150A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
logo
Linear Technology
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com