Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT4300 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT4300
Description  2 AMP, 150 Volts NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT4300 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT4300 Datasheet HTML 1Page - Solid States Devices, Inc SFT4300 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: XN0029E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT4300A __ __
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package = TO-5
TO-5
SFT4300
2 AMP, 150 Volts
NPN Transistor
FEATURES:
 Radiation Tolerant
 Fast Switching
 High Frequency
 Low Saturation Voltage
 200°C Operating, Gold Eutectic Die Attach
 Complementary use with SFT5333
NOTES:
1/ For ordering information, price, operating curves, and
availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows
available on request.
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
80
V
Collector – Base Voltage
VCBO
150
V
Emitter – Base Voltage
VEBO
8
V
Collector Current
IC
2
A
Base Current
IB
1
A
Total Device Dissipation @ TC = 100º C
Derate above TC = 100º C
PD
6.6
66
W
mW/ºC
Operating and Storage Temperature
Tj, Tstg
-65 to +200
ºC
Thermal Resistance, Junction to Case
RθJC
15.2
ºC/W
All dimensions are in inches
Tolerances: (unless otherwise specified)
XX: ±0.01”, XXX: ±0.005”
Pin 1: Emitter
Pin 2: Base
Pin 3/Case: Collector


Similar Part No. - SFT4300

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT4300 SSDI-SFT4300 Datasheet
245Kb / 2P
   2 AMP 150 VOLTS NPN TRANSISTOR
More results

Similar Description - SFT4300

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT4300 SSDI-SFT4300 Datasheet
245Kb / 2P
   2 AMP 150 VOLTS NPN TRANSISTOR
2N5330 SSDI-2N5330 Datasheet
257Kb / 2P
   30 AMP HIGH SPEED NPN TRANSISTOR 150 VOLTS
SFT3507 SSDI-SFT3507 Datasheet
206Kb / 2P
   3 AMP ULTRA FAST NPN TRANSISTOR 150 VOLTS
SFT6800-59 SSDI-SFT6800-59 Datasheet
105Kb / 2P
   2 AMP 500 VOLTS NPN TRANSISTOR
SFT6800 SSDI-SFT6800 Datasheet
53Kb / 2P
   2 AMP 500 VOLTS NPN TRANSISTOR
SFT5002 SSDI-SFT5002 Datasheet
97Kb / 2P
   10 AMP 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
TR0097B SSDI-TR0097B Datasheet
96Kb / 2P
   2 A, 150 Volts general purpose NPN Transistor
SFT6338 SSDI-SFT6338 Datasheet
51Kb / 2P
   25 AMP 100 - 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
2N4300 SSDI-2N4300 Datasheet
215Kb / 2P
   2 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
SFT8500 SSDI-SFT8500 Datasheet
212Kb / 2P
   2 AMP HIGH VOLTAGE NPN TRANSISTOR 1000 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com