Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR0132A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0132A
Description  5 AMP PNP HIGH SPEED POWER TRANSISTOR 120 VOLTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0132A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0132A Datasheet HTML 1Page - Solid States Devices, Inc TR0132A Datasheet HTML 2Page - Solid States Devices, Inc TR0132A Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0132A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT3403 __ __ __
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Lead Bend 3/ __ = Straight Leads
UB = Up Bend
DB = Down Bend
Package
/111 = TO-111
G = Cerpack
J = TO-257
SFT3403 Series
5 AMP
NPN HIGH SPEED
POWER TRANSISTOR
120 VOLTS
Features:
 BVCEO 250V typical
 Fast Switching
 High Frequency
 High Linear Gain, Low Saturation Voltage
 200°C Operating Temperature
 High Current, High Voltage Version of the
SDT3403
 TX, TXV, S-Level Screening Available -
Consult Factory.
Maximum Ratings
Symbol
Value
Units
Collector – Base Voltage
VCBO
150
Volts
Collector – Emitter Voltage
VCEO
120
Volts
Emitter – Base Voltage
VEBO
6.0
Volts
Continuous Collector Current
IC
5
Amps
Base Current
IB
1
Amps
Total Device Dissipation @ TC = 25ºC
Derate Above 25ºC
PD
50
0.33
Watts
W/ºC
Operating & Storage Temperature
TJ & TSTG
-65 to +200
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
3.0
ºC/W
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty
Cycle = 2%
1/ For ordering information, price, and
availability, contact factory.
2/ Screening based on MIL-PRF-19500.
Screening flows available on request.
3/ Up and down bend configurations are
available for ‘J’ (TO-257) packages only.
4/ Unless otherwise specified,all electrical
characteristics @25ºC.
TO-111 (/111)
Cerpack (G)
TO-257 (J)


Similar Part No. - TR0132A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0131A SSDI-TR0131A Datasheet
160Kb / 3P
   5 AMP PNP HIGH SPEED POWER TRANSISTOR 120 VOLTS
TR0134A SSDI-TR0134A Datasheet
158Kb / 3P
   0.1 AMP, 1000 Volts High Voltage, Medium Power NPN Transistor
More results

Similar Description - TR0132A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0131A SSDI-TR0131A Datasheet
160Kb / 3P
   5 AMP PNP HIGH SPEED POWER TRANSISTOR 120 VOLTS
SFT501-G SSDI-SFT501-G Datasheet
109Kb / 2P
   5 AMP 200 VOLTS PNP HIGH SPEED POWER TRANSISTOR
2N6192 SSDI-2N6192 Datasheet
286Kb / 6P
   5 AMP HIGH SPEED PNP TRANSISTOR 100 VOLTS
SFT501 SSDI-SFT501 Datasheet
30Kb / 2P
   5 AMP 200 Volts HIGH SPEED PNP Transistor
2N5003 SSDI-2N5003 Datasheet
224Kb / 2P
   5 AMP HIGH SPEED PNP TRANSISTOR 100 VOLTS
SFT5001 SSDI-SFT5001 Datasheet
210Kb / 2P
   5 AMP HIGH SPEED PNP TRANSISTOR 150 VOLTS
2N5151 SSDI-2N5151 Datasheet
224Kb / 2P
   5 AMP HIGH SPEED PNP TRANSISTOR
SFT5553A-G SSDI-SFT5553A-G Datasheet
125Kb / 2P
   5 AMP 100 Volts PNP Power Transistor
SPT5330 SSDI-SPT5330 Datasheet
217Kb / 2P
   30 AMP HIGH SPEED PNP TRANSISTOR 150 VOLTS
SFT5333 SSDI-SFT5333 Datasheet
251Kb / 2P
   2 AMP 100 VOLTS HIGH SPEED PNP TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com